Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5024D Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE5024D
Description  Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5024D Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE5024D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ACE5024D
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
2
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Input Voltage
(2)
V
IN
-0.3~ 7
V
Output Voltage
(2)
V
OUT
-0.3~VIN+0.3
V
Output Current
I
OUT
700
mA
Power Dissipation
SOT-23-3
PD
0.25
W
SOT-23-5
0.25
W
DFN1X1-4
0.4
W
SOT-89-3
0.6
W
SOT-89-5
0.6
W
Operating free air temperature range
TA
-40~85
°C
Operating Junction Temperature Range
(3)
Tj
-40~125
°C
Storage Temperature
T
stg
-40~125
°C
Lead Temperature(Soldering, 10 sec)
T
solder
260
°C
ESD rating
(4)
Human Body Model -(HBM)
4
kV
Machine Model- (MM)
200
V
1.
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
2.
All voltages are with respect to network ground terminal.
3.
This IC includes over temperature protection that is intended to protect the device during momentary
overload. Junction temperature will exceed 125°C when over temperature protection is active.
Continuous operation above the specified maximum operating junction temperature may impair
device reliability.
4.
ESD testing is performed according to the respective JESD22 JEDEC standard.
The human body model is a 100 pF capacitor discharged through a 1.5kΩ resistor into each pin. The
machine model is a 200pF capacitor discharged directly into each pin.
Recommended Operating Conditions
Parameter
Min.
Max.
Units
Supply voltage at VIN
1.8
6
V
Operating junction temperature range, Tj
0
125
°C
Operating free air temperature range, TA
0
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com