Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5024D Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5024D
Description  Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5024D Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5024D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ACE5024D
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
1
Description
The ACE5024D series are a group of positive voltage regulators manufactured by CMOS technologies
with high ripple rejection, ultra low noise, low power consumption and low dropout voltage, which can
prolong battery life in portable electronics. The ACE5024D series work with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power applications. The ACE5024D series consume
less than 0.1μA in shutdown mode and have fast turn-on time less than 50μS.The series are very suitable
for the battery-powered equipments, such as RF applications and other systems requiring a quiet voltage
source.
Features
Low Output Noise:
40μV
RMS (10Hz~100kHz)
Low Dropout Voltage:50mV@100mA,Vout=3.3V
Low Dropout Voltage:230mV@300mA,Vout=1.8V
Low Dropout Voltage:360mV@500mA,Vout=1.8V
Low Quiescent Current:
50μA
High Ripple Rejection:80dB@10kHz
Excellent Line and Load Transient Response
Operating Voltage Range:1.8V~6.0V
Output Voltage Range:1.05V ~ 5.0V
High Accuracy:±2%(Typ.)
Built-in Current Limiter, Short-Circuit Protection
TTL- Logic-Controlled Shutdown Input
Application
Cellular and Smart Phones
Laptop, Palmtops and PDA
Digital Still and Video Cameras
Portable Audio Video Equipments
Radio control systems
Battery-Powered Equipments


Similar Part No. - ACE5024D

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE50240AM+ ACE-ACE50240AM+ Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50240BM+ ACE-ACE50240BM+ Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50240BNA+ ACE-ACE50240BNA+ Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50240BNB+ ACE-ACE50240BNB+ Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE50241AM+ ACE-ACE50241AM+ Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
More results

Similar Description - ACE5024D

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853 AME-AME8853 Datasheet
380Kb / 29P
High PSRR, Low Noise, 300mA CMOS Regulator
AME8853A AME-AME8853A Datasheet
341Kb / 29P
High PSRR, Low Noise, 300mA CMOS Regulator
AME8855 AME-AME8855 Datasheet
527Kb / 34P
High PSRR, Low Noise, 600mA CMOS Regulator
AME8855A AME-AME8855A Datasheet
451Kb / 34P
High PSRR, Low Noise, 600mA CMOS Regulator
logo
ACE Technology Co., LTD...
ACE621E ACE-ACE621E Datasheet
697Kb / 8P
Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
VER 1.2
logo
Analog Microelectronics
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
High PSRR, Low Noise, 150mA CMOS Regulator
logo
Leshan Radio Company
LR6200 LRC-LR6200 Datasheet
577Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6205 LRC-LR6205 Datasheet
518Kb / 11P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6300 LRC-LR6300 Datasheet
656Kb / 8P
Ultralow-Noise, High PSRR, Fast RF Low-Dropout CMOS Voltage Regulator
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com