Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHA200-F200A-R2-6475 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # PHA200-F200A-R2-6475
Description  Vision Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PHA200-F200A-R2-6475 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  PHA200-F200A-R2-6475 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PHA200-F200A-R2-6475 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PHA200-F200A-R2-6475 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PHA200-F200A-R2-6475 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Operating temperature
0 ... 60 °C (32 ... 140 °F) , -20 ... 60 °C (-4 ... 140 °F) (noncondensing; prevent icing
on the lens!)
Storage temperature
-20 ... 85 °C (-4 ... 185 °F)
Relative humidity
90 % , noncondensing
Shock resistance
< 50 g
Vibration resistance
< 3 G , 11 ... 200 Hz
Mechanical specifications
Housing width
70 mm
Housing height
70 mm
Housing depth
50 mm
Degree of protection
IP67
Connection
8-pin, M12x1 connector, standard (supply+IO) ,
5-pin, M12x1 socket, standard (RS 232) ,
4-pin, M12x1 socket, standard (LAN)
Material
Housing
PC/ABS
Optical face
Plastic pane
Installation
4 x M6 threading
Mass
approx. 160 g
Connection
RS 232
LAN
24 V DC+IO
1
5
3
2
4
1
4
6
7
8
5
3
2
1
3
4
2
Pin
Signal
1
+UB
2
TX RS232
3
GND
4
RX RS232
5
NC
Pin
Signal
1
TX+ Ethernet
2
RX+ Ethernet
3
TX- Ethernet
4
RX- Ethernet
Pin
Signal
1
OUT +X
2
+UB
3
OUT -Y
4
OUT +Y
5
OUT -X
6
IN 1
7
GND
8
IN 2
Vision Sensor
PHA200-F200A-R2-6475
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com