Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHA200-F200A-R2-6475 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # PHA200-F200A-R2-6475
Description  Vision Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PHA200-F200A-R2-6475 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  PHA200-F200A-R2-6475 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PHA200-F200A-R2-6475 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PHA200-F200A-R2-6475 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PHA200-F200A-R2-6475 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vision Sensor
PHA200-F200A-R2-6475
< Large capture range
< High operating range
< Integrated contrast compensation
< Compact design
< Integrated illumination
< Detects the position of an
index hole
Precision positioning on hole in the 70 mm x 70 mm housing
Function
The sensor has been developed for the precision positioning of high-bay racking operating equipment. It detects circular holes in the racking
structure and their positional deviation from the nominal position. The sensor operates in two dimensions.
Dimensions
10
70
12
94.5
22
M6 x 9 (4x)
Technical Data
General specifications
Light source
LED
Light type
Integrated LED lightning (infrared)
Object size
Hole diameter 13 mm
Response delay
100 ms
Read distance
200 mm
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - PHA200-F200A-R2-6475

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PHA200-F200A-R2-6474 PF-PHA200-F200A-R2-6474 Datasheet
929Kb / 4P
Vision Sensor
More results

Similar Description - PHA200-F200A-R2-6475

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VOS1000-F226R-8MM-S PF-VOS1000-F226R-8MM-S Datasheet
379Kb / 3P
Vision Sensor
PHA300-F200A-B17-T-V1D PF-PHA300-F200A-B17-T-V1D Datasheet
1Mb / 5P
Vision Sensor
PHA300-F200-R3 PF-PHA300-F200-R3 Datasheet
921Kb / 4P
Vision Sensor
PHA350-F200-R2 PF-PHA350-F200-R2 Datasheet
815Kb / 4P
Vision Sensor
PHA800-F200-B17-V1D PF-PHA800-F200-B17-V1D Datasheet
1Mb / 5P
Vision Sensor
PHA150-F200A-R2 PF-PHA150-F200A-R2 Datasheet
928Kb / 4P
Vision Sensor
PHA200-F200-R3 PF-PHA200-F200-R3 Datasheet
921Kb / 4P
Vision Sensor
PHA250-F200A-R2-5833 PF-PHA250-F200A-R2-5833 Datasheet
929Kb / 4P
Vision Sensor
PHA250-F200A-R2-T-6778 PF-PHA250-F200A-R2-T-6778 Datasheet
939Kb / 4P
Vision Sensor
PHA300-F200A-R2 PF-PHA300-F200A-R2 Datasheet
928Kb / 4P
Vision Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com