Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC885
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC885 Datasheet HTML 1Page - NXP Semiconductors MPC885 Datasheet HTML 2Page - NXP Semiconductors MPC885 Datasheet HTML 3Page - NXP Semiconductors MPC885 Datasheet HTML 4Page - NXP Semiconductors MPC885 Datasheet HTML 5Page - NXP Semiconductors MPC885 Datasheet HTML 6Page - NXP Semiconductors MPC885 Datasheet HTML 7Page - NXP Semiconductors MPC885 Datasheet HTML 8Page - NXP Semiconductors MPC885 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
2
Freescale Semiconductor
Overview
1Overview
The MPC885/MPC880 is a versatile single-chip integrated microprocessor and peripheral combination
that can be used in a variety of controller applications and communications and networking systems. The
MPC885/MPC880 provides enhanced ATM functionality, an additional fast Ethernet controller, a USB,
and an encryption block.
Table 1 shows the functionality supported by MPC885/MPC880.
2Features
The MPC885/MPC880 is comprised of three modules that each use the 32-bit internal bus: a MPC8xx
core, a system integration unit (SIU), and a communications processor module (CPM).
The following list summarizes the key MPC885/MPC880 features:
•
Embedded MPC8xx core up to 133 MHz
•
Maximum frequency operation of the external bus is 80 MHz (in 1:1 mode)
— The 133-MHz core frequency supports 2:1 mode only.
— The 66-/80-MHz core frequencies support both the 1:1 and 2:1 modes.
•
Single-issue, 32-bit core (compatible with the Power Architecture definition) with thirty-two
32-bit general-purpose registers (GPRs)
— The core performs branch prediction with conditional prefetch and without conditional
execution.
— 8-Kbyte data cache and 8-Kbyte instruction cache (see Table 1)
– Instruction cache is two-way, set-associative with 256 sets in 2 blocks
– Data cache is two-way, set-associative with 256 sets
– Cache coherency for both instruction and data caches is maintained on 128-bit (4-word)
cache blocks.
– Caches are physically addressed, implement a least recently used (LRU) replacement
algorithm, and are lockable on a cache block basis.
— MMUs with 32-entry TLB, fully associative instruction and data TLBs
— MMUs support multiple page sizes of 4, 16, and 512 Kbytes, and 8 Mbytes; 16 virtual address
spaces and 16 protection groups
— Advanced on-chip emulation debug mode
Table 1. MPC885 Family
Part
Cache (Kbytes)
Ethernet
SCC
SMC
USB
ATM Support
Security
Engine
I Cache
D Cache
10BaseT
10/100
MPC885
8
8
Up to 3
2
3
2
1
Serial ATM and
UTOPIA interface
Yes
MPC880
8
8
Up to 2
2
2
2
1
Serial ATM and
UTOPIA interface
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com