Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC885
Description  MPC885/MPC880 PowerQUICC Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC885 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC885 Datasheet HTML 17Page - NXP Semiconductors MPC885 Datasheet HTML 18Page - NXP Semiconductors MPC885 Datasheet HTML 19Page - NXP Semiconductors MPC885 Datasheet HTML 20Page - NXP Semiconductors MPC885 Datasheet HTML 21Page - NXP Semiconductors MPC885 Datasheet HTML 22Page - NXP Semiconductors MPC885 Datasheet HTML 23Page - NXP Semiconductors MPC885 Datasheet HTML 24Page - NXP Semiconductors MPC885 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7
Freescale Semiconductor
21
Bus Signal Timing
B29h
WE(0:3) negated to D(0:31) High-Z GPCM write
access, TRLX = 1, CSNT = 1, EBDF = 1
(MIN = 0.375
× B1 – 3.30)
38.40
—
31.10
—
17.50
—
13.85
—
ns
B29i
CS negated to D(0:31) High-Z GPCM write
access, TRLX = 1, CSNT = 1, ACS = 10 or
ACS = 11, EBDF = 1 (MIN = 0.375
× B1–3.30)
38.40
—
31.10
—
17.50
—
13.85
—
ns
B30
CS, WE(0:3) negated to A(0:31), BADDR(28:30)
Invalid GPCM read/write access8
(MIN = 0.25
× B1 – 2.00)
5.60
—
4.30
—
1.80
—
1.13
—
ns
B30a
WE(0:3) negated to A(0:31), BADDR(28:30)
Invalid GPCM, write access, TRLX = 0, CSNT = 1,
CS negated to A(0:31) invalid GPCM write access
TRLX = 0, CSNT =1 ACS = 10, or ACS == 11,
EBDF = 0 (MIN = 0.50
× B1 – 2.00)
13.20
—
10.50
—
5.60
—
4.25
—
ns
B30b
WE(0:3) negated to A(0:31) invalid GPCM
BADDR(28:30) invalid GPCM write access,
TRLX = 1, CSNT = 1. CS negated to A(0:31)
invalid GPCM write access TRLX = 1, CSNT = 1,
ACS = 10, or ACS == 11 EBDF = 0
(MIN = 1.50
× B1 – 2.00)
43.50
—
35.50
—
20.70
—
16.75
—
ns
B30c
WE(0:3) negated to A(0:31), BADDR(28:30)
invalid GPCM write access, TRLX = 0, CSNT = 1.
CS negated to A(0:31) invalid GPCM write
access, TRLX = 0, CSNT = 1 ACS = 10,
ACS == 11, EBDF = 1 (MIN = 0.375
× B1–3.00)
8.40
—
6.40
—
2.70
—
1.70
—
ns
B30d
WE(0:3) negated to A(0:31), BADDR(28:30)
invalid GPCM write access TRLX = 1, CSNT =1,
CS negated to A(0:31) invalid GPCM write access
TRLX = 1, CSNT = 1, ACS = 10 or 11, EBDF = 1
38.67
—
31.38
—
17.83
—
14.19
—
ns
B31
CLKOUT falling edge to CS valid, as requested by
control bit CST4 in the corresponding word in the
UPM (MAX = 0.00
× B1 + 6.00)
1.50
6.00
1.50
6.00
1.50
6.00
1.50
6.00
ns
B31a
CLKOUT falling edge to CS valid, as requested by
control bit CST1 in the corresponding word in the
UPM (MAX = 0.25
× B1 + 6.80)
7.60
14.30
6.30
13.00
3.80
10.50
3.13
10.00
ns
B31b
CLKOUT rising edge to CS valid, as requested by
control bit CST2 in the corresponding word in the
UPM (MAX = 0.00
× B1 + 8.00)
1.50
8.00
1.50
8.00
1.50
8.00
1.50
8.00
ns
B31c
CLKOUT rising edge to CS valid, as requested by
control bit CST3 in the corresponding word in the
UPM (MAX = 0.25
× B1 + 6.30)
7.60
13.80
6.30
12.50
3.80
10.00
3.13
9.40
ns
B31d
CLKOUT falling edge to CS valid, as requested by
control bit CST1 in the corresponding word in the
UPM EBDF = 1 (MAX = 0.375
× B1 + 6.6)
13.30 18.00 11.30 16.00
7.60
12.30
4.69
11.30
ns
Table 9. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com