Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7I4DECT-1-SVF8N-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7I4DECT-1-SVF8N-R
Description  Remote I/O R7I4D Series EtherCAT I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7I4DECT-1-SVF8N-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7I4DECT-1-SVF8N-R Datasheet HTML 1Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 2Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 3Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 4Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 5Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: R7I4DECT-1-SVF8N
R7I4DECT-1-SVF8N SPECIFICATIONS
ES-7779-E Rev.0 Page 5/6
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
Scaling of analog input module is configurable with the configurator software (model: R7CFG). Refer to the software manual for
details.
■ ANALOG INPUT MODULE
• Input Area Objects
0
15
16 bit binary data
Negative values are represented by 2’s complements.
■ STATUS (Input Area Object)
0
15
Input 0 (Input Range Error (≤-15%, ≥+115%))
Input 1 (Input Range Error (≤-15%, ≥+115%))
Input 2 (Input Range Error (≤-15%, ≥+115%))
Input 3 (Input Range Error (≤-15%, ≥+115%))
Input 7 (Input Range Error (≤-15%, ≥+115%))
Input 0 (ADC error)
Input 4 (Input Range Error (≤-15%, ≥+115%))
Input 5 (Input Range Error (≤-15%, ≥+115%))
Input 6 (Input Range Error (≤-15%, ≥+115%))
Input 3 (ADC error)
Input 4 (ADC error)
Input 1 (ADC error)
Input 2 (ADC error)
Input 6 (ADC error)
Input 7 (ADC error)
Input 5 (ADC error)
Input Range Error
0 : Normal 1 : Error
ADC error (no response from ADC)
0 : Normal 1 : Error
EXTERNAL DIMENSIONS unit: mm (inch)
41 (1.61)
165 (6.50)
172 (6.77)
186 (7.32)
4 (.16)
DIN rail
(35mm wide)
2-4.3 (.17) dia
4 (.16) deep



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com