Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7I4DECT-1-SVF8N-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7I4DECT-1-SVF8N-R
Description  Remote I/O R7I4D Series EtherCAT I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7I4DECT-1-SVF8N-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7I4DECT-1-SVF8N-R Datasheet HTML 1Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 2Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 3Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 4Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 5Page - M-System Co.,Ltd. R7I4DECT-1-SVF8N-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R7I4DECT-1-SVF8N
R7I4DECT-1-SVF8N SPECIFICATIONS
ES-7779-E Rev.0 Page 1/6
http://www.m-system.co.jp/
Remote I/O R7I4D Series
EtherCAT I/O MODULE
(high-speed DC voltage input, 8 points, non-isolated, e-CON
connector)
Functions & Features
• 8 points high-speed DC voltage input module for EtherCAT
• Easy parameter setting of individual channels with M-
System's configurator software
EtherCAT® is a registered trademark and patented
technology, licensed by Beckhoff Automation GmbH,
Germany.
53.5 (2.11)
mm (inch)
41 (1.61)
165 (6.50)
MODEL: R7I4DECT-1-SVF8N-R[1]
ORDERING INFORMATION
• Code number: R7I4DECT-1-SVF8N-R[1]
Specify a code from below for [1].
(e.g. R7I4DECT-1-SVF8N-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
TERMINAL BLOCK
1: Tension clamp terminal block for power supply
RJ-45 Modular jack for communication
e-CON connector for I/O
I/O TYPE
SVF8N: DC voltage input, high-speed, 8 points (non-isolated)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7779-SVF8N)
RELATED PRODUCTS
• PC configurator software (model: R7CFG)
• ESI file
The configurator software and ESI files are downloadable at
M-System’s web site.
Use a commercially available Mini-B USB cable to connect
the unit to a PC.
GENERAL SPECIFICATIONS
Connection
EtherCAT: RJ-45 Modular Jack
Power: Separable screwless spring terminal
Input: e-CON connector
Housing material: Flame-resistant resin (gray)
Isolation: Input to EtherCAT or FE to power
Zero adjustments: Configurable via R7CFG
Span adjustments: Configurable via R7CFG
Input range: Configurable via R7CFG
Number of times of averaging: Configurable via R7CFG
Status indicator LED: PWR, RUN, ERR, L/A IN, L/A OUT
(Refer to the instruction manual.)
EtherCAT COMMUNICATION
Standard: IEEE 802.3u
Transmission type: 100BASE-TX
Transmission speed: Full-duplex 100 Mbps
Transmission media: 100BASE-TX (STP cable; Category 5e)
Maximum internode length: 100 meters
Fixed address: Set with rotary switches
(The master must support MDP.)
INPUT SPECIFICATIONS
Input resistance: ≥ 1 MΩ
Input range: -10 - +10 V DC, -5 - +5 V DC, 0 - 10 V DC,
0 - 5 V DC, 1 - 5 V DC


Similar Part No. - R7I4DECT-1-SVF8N-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7I4DECT-1-SVSF8N MSYSTEM-R7I4DECT-1-SVSF8N Datasheet
269Kb / 6P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7I4DECT-1-SVSF8N-R MSYSTEM-R7I4DECT-1-SVSF8N-R Datasheet
269Kb / 6P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7I4DECT-1-SVSF8N-R/Q MSYSTEM-R7I4DECT-1-SVSF8N-R/Q Datasheet
269Kb / 6P
Remote I/O R7I4D Series EtherCAT I/O MODULE
More results

Similar Description - R7I4DECT-1-SVF8N-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30GECT1 MSYSTEM-R30GECT1 Datasheet
154Kb / 4P
Remote I/O R30 Series EtherCAT INTERFACE I/O MODULE
R7F4HML3-D-DAC32A MSYSTEM-R7F4HML3-D-DAC32A Datasheet
273Kb / 8P
Remote I/O R7F4H Series MECHATROLINK I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7G4FML3-6-DC16A MSYSTEM-R7G4FML3-6-DC16A Datasheet
215Kb / 6P
Remote I/O R7G4F Series MECHATROLINK I/O MODULE
R7I4DECT-1-DAC32C MSYSTEM-R7I4DECT-1-DAC32C Datasheet
314Kb / 9P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7I4DECT-1-DC32A MSYSTEM-R7I4DECT-1-DC32A Datasheet
292Kb / 7P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7I4DECT-1-PA8A MSYSTEM-R7I4DECT-1-PA8A Datasheet
274Kb / 7P
Remote I/O R7I4D Series EtherCAT I/O MODULE
R7I4DECT-1-SVSF8N MSYSTEM-R7I4DECT-1-SVSF8N Datasheet
269Kb / 6P
Remote I/O R7I4D Series EtherCAT I/O MODULE
logo
Weidmuller
2659690000 WEIDMULLER-2659690000 Datasheet
378Kb / 4P
Remote I/O fieldbus coupler, EtherCAT
November 4, 2021
logo
Omron Electronics LLC
GX-SERIES OMRON-GX-SERIES Datasheet
5Mb / 48P
EtherCAT??Remote I/O Terminals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com