Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7I4DECT-1-SVSF8N-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7I4DECT-1-SVSF8N-R
Description  Remote I/O R7I4D Series EtherCAT I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7I4DECT-1-SVSF8N-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7I4DECT-1-SVSF8N-R Datasheet HTML 1Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 2Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 3Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 4Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 5Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: R7I4DECT-1-SVSF8N
R7I4DECT-1-SVSF8N SPECIFICATIONS
ES-7779-H Rev.0 Page 4/6
http://www.m-system.co.jp/
■ POWER SUPPLY
Cable connector: TFMC1,5 / 5–STF–3,5
(Phoenix Contact) (included in the package)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
• AI0,25−10YE
0.25 mm2 (Phoenix Contact)
• AI0,34−10TQ
0.34 mm2 (Phoenix Contact)
• AI0,5−10WH
0.5 mm2 (Phoenix Contact)
• AI0,75−10GY
0.75 mm2 (Phoenix Contact)
• A1−10
1.0 mm2 (Phoenix Contact)
• A1,5−10
1.5 mm2 (Phoenix Contact)
1
2
3
4
5
1. PWR+
2. PWR–
3. FE
4. NC
5. NC
Power Supply
Power Supply
Functional earth
Unused
Unused
Note: The numbers marked on the connector have no relationship to the pin number of the unit.
Wire according to the instruction manual of the unit.
RESPONSE TIME
• Input module
Response time is time from when a step (0 to 100%) input signal is applied to the input module (slave) until when output from
its communication CPU reaches 90% of the final value.
TCOM: EtherCAT communication cycle set by the host device (master)
(The cycle is determined in accordance with the system configuration and settings.)
TINP: Input module response time ≤ Delay time of input circuit (Ta) + Conversion speed*1 (Tb) + Input internal processing time
(Tc) (Communication cycle x 2)
*1. Conversion speed x No. of moving averages (1 to 128)
ex.) When No. of moving averages: 1 and EtherCAT communication cycle: 1 msec.,
Input module response time (TINP): Delay time of input circuit (10 msec.) + Conversion speed (2.5 msec.) x No. of moving
averages (1) + Input internal processing time (1 msec. x 2) = 14.5 [msec.]
Input module
EtherCAT Com. Cycle
Tb
Tc
Ta
TINP
Transmitted from
COM. CPU (Slave)
Received by
COM. CPU (Slave)
TCOM
Transmitted from
PLC (master)
Transmitted to
PLC (master)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com