Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7I4DECT-1-SVSF8N-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7I4DECT-1-SVSF8N-R
Description  Remote I/O R7I4D Series EtherCAT I/O MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7I4DECT-1-SVSF8N-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7I4DECT-1-SVSF8N-R Datasheet HTML 1Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 2Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 3Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 4Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 5Page - M-System Co.,Ltd. R7I4DECT-1-SVSF8N-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R7I4DECT-1-SVSF8N
R7I4DECT-1-SVSF8N SPECIFICATIONS
ES-7779-H Rev.0 Page 2/6
http://www.m-system.co.jp/
X4 to X7: 4 - 20 mA DC
INSTALLATION
Current consumption: Approx. 40 mA (rated current 8 A)
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: 170 g (0.37 lb)
PERFORMANCE
Conversion accuracy: ±0.1 %
Conversion rate: 2.5 msec. / 8 channels
Data range: 0 – 10000 of the input range
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Input delay time: ≤ 10 msec. (0 - 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input to EtherCAT or FE to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
■ CHANNEL INDIVIDUAL SETTING
PARAMETER
SETTING RANGE
DEFAULT
Unused setting
CH enable, CH disable CH enable
Input range (X0 to X3) -10 to +10 V DC
-5 to +5 V DC
0 to 10 V DC
0 to 5 V DC
1 to 5 V DC
-10 to +10 V DC
Input range (X4 to X7) 4 to 20 mA DC ( xed)
4 to 20 mA DC
Bias setting
-320.00 to +320.00 (%) 0.00 (%)
Gain setting
-3.2000 to +3.2000
1.0000
Zero scaling value
-32000 to +32000
0
Full scaling value
-32000 to +32000
10000
■ CHANNEL BATCH SETTING
PARAMETER
SETTING RANGE
DEFAULT
No. of moving
average
1, 2, 4, 8, 16, 32,
64, 128
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com