Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DH-1-DAC32A-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7K4DH-1-DAC32A-R
Description  Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DH-1-DAC32A-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R7K4DH-1-DAC32A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: R7K4DH-1-DAC32A
R7K4DH-1-DAC32A SPECIFICATIONS
ES-7796-E Rev.1 Page 6/8
http://www.m-system.co.jp/
Master Module
RXD+
RXD−
TXD+
TXD−
SLD
Slave Module
RXD+
RXD−
TXD+
TXD−
SLD
Slave Module
Terminating
Resistor
Terminating
Resistor
Terminating
Resistor
TXD+
TXD−
RXD+
RXD−
SHIELD
Master Module
TR+
TR−
SLD
Slave Module
TR+
TR−
SLD
Slave Module
Note: Be sure to turn ON the switch of the terminating resistor located at both ends of the modules.
TR+
TR−
SHIELD
• Full-duplex communication
• Half-duplex communication
■ MASTER CONNECTION
Terminating
Resistor
I/O DATA DESCRIPTIONS
0
15
Input 0
Input 1
Input 2
Input 3
Input 15
0: OFF
1: ON
Input 7
Input 8
:
:
:
■ DISCRETE I/O MODULE
• Di
0
15
• Do
Output 0
Output 1
Output 2
Output 3
Output 15
Output 7
Output 8
:
:
:
ADD.n
EXTERNAL DIMENSIONS unit: mm (inch)
[4 (.16)]
210 (8.27)
220 (8.66)
235 (9.25)
33 (1.30)
36.5 (1.44)
DIN RAIL
35mm wide
2 - 4.3 dia. 4 deep
(2 - 1.17 dia. 0.16 deep)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com