Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DH-1-DAC32A-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7K4DH-1-DAC32A-R
Description  Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DH-1-DAC32A-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7K4DH-1-DAC32A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DH-1-DAC32A-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: R7K4DH-1-DAC32A
R7K4DH-1-DAC32A SPECIFICATIONS
ES-7796-E Rev.1 Page 1/8
http://www.m-system.co.jp/
Remote I/O R7K4D Series
HI-SPEED LINK SYSTEM I/O MODULE
(PNP discrete input & NPN transistor output, 16 points each,
e-CON connector, HLS use)
Functions & Features
• 16 points PNP discrete input & 16 points NPN transistor
output module for HLS
HLS is the abbreviation for “Hi-speed Link System” of Step
Technica Co., Ltd.
mm (inch)
210 (8.27)
53.5 (2.11)
36.5 (1.44)
MODEL: R7K4DH–1–DAC32A-R[1]
ORDERING INFORMATION
• Code number: R7K4DH-1-DAC32A-R[1]
Specify a code from below for [1].
(e.g. R7K4DH-1-DAC32A-R/H/Q)
• Specify the specification for option code /Q
(e.g. /C01)
TERMINAL BLOCK
1: Tension clamp terminal block for power supply
RJ-45 Modular jack for communication
e-CON connector for I/O
I/O TYPE
DAC32A: PNP discrete input &
NPN transistor output, 16 points each
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS (multiple selections)
Communication Mode
blank: Full-duplex
/H: Half-duplex
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
HLS: RJ-45 Modular Jack
Power & Sensor excitation: Separable screwless spring
terminal
I/O: e-CON connector
Housing material: Flame-resistant resin (gray)
Isolation: Input or output or sensor excitation to HLS to
power to FE
Output at the loss of communication:
Output hold(*), Output clear
Selectable with the front DIP SW
(*) factory default setting
Status indicator LED: Power (green) turns on while the
power is supplied.
Discrete I/O status indicator LED: Red LED turns on with I/O
ON
HLS COMMUNICATION
Communication mode: Full-duplex or half-duplex
Network cable
Shielded cable:
Full-duplex communication:
ZHY262PS and ZHT262PS (Shinko Seisen Industry Co., Ltd.)
Half-duplex communication:
ZHY221PS (Shinko Seisen Industry Co., Ltd.)
Dual shielded cable:
ZHY262PBA (Shinko Seisen Industry Co., Ltd.)
Transmission distance:
12 Mbps: 100 meters (328 ft)
6 Mbps: 200 meters (656 ft)
3 Mbps: 300 meters (984 ft)
(Configurable with DIP SW; factory setting: 12 Mbps)
Terminating resistor: Built-in (Selected with the DIP SW;
factory setting: disabled)
Status indicator: Run LED on in normal communication
Station address: Set with rotary switch


Similar Part No. - R7K4DH-1-DAC32A-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7K4DH-1-DAC32B MSYSTEM-R7K4DH-1-DAC32B Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32B-R MSYSTEM-R7K4DH-1-DAC32B-R Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32B-R/Q MSYSTEM-R7K4DH-1-DAC32B-R/Q Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32C MSYSTEM-R7K4DH-1-DAC32C Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32C-R MSYSTEM-R7K4DH-1-DAC32C-R Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
More results

Similar Description - R7K4DH-1-DAC32A-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7F4DH MSYSTEM-R7F4DH Datasheet
1Mb / 77P
Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HH-A-SVF4 MSYSTEM-R7G4HH-A-SVF4 Datasheet
293Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HH-A-YVF4 MSYSTEM-R7G4HH-A-YVF4 Datasheet
278Kb / 11P
Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
R7HL MSYSTEM-R7HL Datasheet
1Mb / 55P
Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32B MSYSTEM-R7K4DH-1-DAC32B Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32C MSYSTEM-R7K4DH-1-DAC32C Datasheet
322Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32D MSYSTEM-R7K4DH-1-DAC32D Datasheet
321Kb / 8P
Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DML-B-DAC32A MSYSTEM-R7K4DML-B-DAC32A Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4DML-B-DAC32B MSYSTEM-R7K4DML-B-DAC32B Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4DML-B-DAC32C MSYSTEM-R7K4DML-B-DAC32C Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com