Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DML-B-DAC32A-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R7K4DML-B-DAC32A-R
Description  Remote I/O R7K4D Series MECHATROLINK I/O MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DML-B-DAC32A-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  R7K4DML-B-DAC32A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 8Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MODEL: R7K4DML-B-DAC32A
R7K4DML-B-DAC32A SPECIFICATIONS
ES-7776-A Rev.0 Page 7/9
http://www.m-system.co.jp/
I/O DATA DESCRIPTIONS
■ 17-BYTE MODE
•16 points input data
•16 points output data
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
1
In7
In6
In5
In4
In3
In2
In1
In0
1
0
0
0
0
0
0
0
0
2
In15
In14
In13
In12
In11
In10
In9
In8
2
0
0
0
0
0
0
0
0
3
0
0
0
0
0
0
0
0
3
0
0
0
0
0
0
0
0
4
0
0
0
0
0
0
0
0
4
0
0
0
0
0
0
0
0
5
0
0
0
0
0
0
0
0
5
0
0
0
0
0
0
0
0
•
•
•
0
0
0
0
0
0
0
0
•
•
•
0
0
0
0
0
0
0
0
12
0
0
0
0
0
0
0
0
12
0
0
0
0
0
0
0
0
13
0
0
0
0
0
0
0
0
13
0
0
0
0
0
0
0
0
14
0
0
0
0
0
0
0
0
14
0
0
0
0
0
0
0
0
15
0
0
0
0
0
0
0
0
15
Out7
Out6
Out5
Out4
Out3
Out2
Out1
Out0
16
0
0
0
0
0
0
0
0
16
Out15 Out14 Out13 Out12 Out11 Out10
Out9
Out8
■ 32-BYTE MODE
•16 points input data
•16 points output data
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
1
In7
In6
In5
In4
In3
In2
In1
In0
1
0
0
0
0
0
0
0
0
2
In15
In14
In13
In12
In11
In10
In9
In8
2
0
0
0
0
0
0
0
0
3
0
0
0
0
0
0
0
0
3
0
0
0
0
0
0
0
0
4
0
0
0
0
0
0
0
0
4
0
0
0
0
0
0
0
0
5
0
0
0
0
0
0
0
0
5
0
0
0
0
0
0
0
0
•
•
•
0
0
0
0
0
0
0
0
•
•
•
0
0
0
0
0
0
0
0
28
0
0
0
0
0
0
0
0
28
0
0
0
0
0
0
0
0
29
0
0
0
0
0
0
0
0
29
0
0
0
0
0
0
0
0
30
0
0
0
0
0
0
0
0
30
0
0
0
0
0
0
0
0
31
0
0
0
0
0
0
0
0
31
Out7
Out6
Out5
Out4
Out3
Out2
Out1
Out0
32
0
0
0
0
0
0
0
0
32
Out15 Out14 Out13 Out12 Out11 Out10
Out9
Out8
0: OFF, 1: ON
At the loss of communication, output is hold. (last data correctly received is hold)
EXTERNAL DIMENSIONS unit: mm (inch)
41 (1.61)
[4 (.16)]
210 (8.27)
220 (8.66)
235 (9.25)
33 (1.30)
2 - 4.3 dia. 4 deep
(2 - 0.17 dia. 0.16 deep)
DIN RAIL
35mm wide



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com