Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DML-B-DAC32A-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7K4DML-B-DAC32A-R
Description  Remote I/O R7K4D Series MECHATROLINK I/O MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DML-B-DAC32A-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7K4DML-B-DAC32A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 8Page - M-System Co.,Ltd. R7K4DML-B-DAC32A-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: R7K4DML-B-DAC32A
R7K4DML-B-DAC32A SPECIFICATIONS
ES-7776-A Rev.0 Page 1/9
http://www.m-system.co.jp/
Remote I/O R7K4D Series
MECHATROLINK I/O MODULE
(PNP discrete input, NPN transistor output, 16 points each,
e-CON connector, MECHATROLINK- I/- II use)
Functions & Features
• 16 points PNP discrete input & 16 points NPN transistor
output module for MECHATROLINK- I/- II
mm (inch)
210
(8.27)
53.5
(2.11)
41(1.61)
MODEL: R7K4DML-B-DAC32A-R[1]
ORDERING INFORMATION
• Code number: R7K4DML-B-DAC32A-R[1]
Specify a code from below for [1].
(e.g. R7K4DML-B-DAC32A-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
TERMINAL BLOCK
B: Tension clamp terminal block for power supply
Connector for MECHATROLINK- I/- II for communication
e-CON connector for I/O
I/O TYPE
DAC32A: PNP discrete input &
NPN transistor output, 16 points each
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
MECHATROLINK: MECHATROLINK- I/- II connector
Power & Sensor excitation: Separable screwless spring
terminal
I/O: e-CON connector
Housing material: Flame-resistant resin (gray)
Isolation: Input or output or sensor excitation to
MECHATROLINK or FE to power
Status indicator LED: PWR, ERR, SD, RD
(Refer to the instruction manual for details)
Discrete I/O status indicator LED: Green LED turns on with
I/O ON
MECHATROLINK COMMUNICATION
MECHATROLINK mode: Set with DIP switches
(MECHATROLINK-I or -II, data length; Factory setting:
MECHATROLINK-II, data length 32 byte)
(Refer to the instruction manual)
Station address: 60H - 7FH
(Function selected with Rotary SW. Factory setting: 61H).
(Refer to the instruction manual)
■ MECHATROLINK-I
Baud rate: 4 Mbps
Transmission distance: 50 m max.
Distance between stations: 30 cm min.
Transmission media: MECHATROLINK cable (Model JEPMC-
W6003-x-E, Yaskawa Controls Co., Ltd.)
Max. number of slaves: 15
(The maximum number of slaves might change depending
on the master unit. Refer to the manual of the master unit.)
Transmission cycle: 2 msec. (fixed)
Data length: 17 byte
■ MECHATROLINK-II
Baud rate: 10 Mbps
Transmission distance: 50 m max.
Distance between stations: 50 cm min.
Transmission media: MECHATROLINK cable (Model JEPMC-
W6003-x-E, Yaskawa Controls Co., Ltd.)
Max. number of slaves: 30
(The maximum number of slaves might change depending
on the master unit. Refer to the manual of the master unit.)
Transmission cycle: 0.25 msec., 0.5 msec., 1 msec., 1.5
msec., 2 msec., 2.5 msec., 3 msec., 4 msec., 8 msec.
Data length: 17 byte / 32 byte selectable (Must choose
identical data size for all stations within the network)


Similar Part No. - R7K4DML-B-DAC32A-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7K4DML-B-DAC32B MSYSTEM-R7K4DML-B-DAC32B Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4DML-B-DAC32B-R MSYSTEM-R7K4DML-B-DAC32B-R Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4DML-B-DAC32B-R/Q MSYSTEM-R7K4DML-B-DAC32B-R/Q Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4DML-B-DAC32C MSYSTEM-R7K4DML-B-DAC32C Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4DML-B-DAC32C-R MSYSTEM-R7K4DML-B-DAC32C-R Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
More results

Similar Description - R7K4DML-B-DAC32A-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7F4HML3-D-DAC32A MSYSTEM-R7F4HML3-D-DAC32A Datasheet
273Kb / 8P
Remote I/O R7F4H Series MECHATROLINK I/O MODULE
R7G4FML3-6-DA16 MSYSTEM-R7G4FML3-6-DA16 Datasheet
215Kb / 6P
Remote I/O R7G4F Series MECHATROLINK I/O MODULE
R7G4FML3-6-DC16A MSYSTEM-R7G4FML3-6-DC16A Datasheet
215Kb / 6P
Remote I/O R7G4F Series MECHATROLINK I/O MODULE
R7G4HML3-6-SV4 MSYSTEM-R7G4HML3-6-SV4 Datasheet
254Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7K4DML-B-DA32B MSYSTEM-R7K4DML-B-DA32B Datasheet
366Kb / 8P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4DML-B-DAC32B MSYSTEM-R7K4DML-B-DAC32B Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4DML-B-DAC32C MSYSTEM-R7K4DML-B-DAC32C Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4DML-B-DAC32D MSYSTEM-R7K4DML-B-DAC32D Datasheet
374Kb / 9P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4FML-6-DCA32A MSYSTEM-R7K4FML-6-DCA32A Datasheet
276Kb / 8P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4JML3-E-DAFC64A MSYSTEM-R7K4JML3-E-DAFC64A Datasheet
507Kb / 9P
Remote I/O R7K4J Series MECHATROLINK I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com