Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4FML3-6-DA32-1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7K4FML3-6-DA32-1-R
Description  Remote I/O R7K4F Series MECHATROLINK I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4FML3-6-DA32-1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7K4FML3-6-DA32-1-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R7K4FML3-6-DA32-1
R7K4FML3-6-DA32-1 SPECIFICATIONS
ES-7773-F Rev.1 Page 3/7
http://www.m-system.co.jp/
EXTERNAL VIEW
4
5
6
7
1
2
3
28 29 30 31
20 21
22
19
33 34 35 36
25 26 27
24
32
23
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
1
SA1
×10
SA2
×1
2
3 4
ON
PWR
LNK2
CON
LNK1
ERR
LNK1
LNK2
MECHATROLINK
Connector
Station Address Setting
Rotary SW
Status Indicator LED
Operating Mode Setting DIP SW (SW1)
Discrete Input Status Indicator LED
Power Supply Terminals
Input Terminals
TERMINAL ASSIGNMENTS
■ INPUT TERMINAL ASSIGNMENT
14
5
6
X7
X6
X8
15
X9
16
17
18
7
8
9
X11
X13
X15
X10
X12
10
1
2
COM
COM
X0
11
X1
12
13
3
4
X3
X5
X2
X4
X14
32
23
24
X23
X22
X24
33
X25
34
35
36
25
26
27
X27
X29
X31
X26
X28
28
19
20
COM
COM
X16
29
X17
30
31
21
22
X19
X21
X18
X20
X30
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
COM Common
10
COM Common
2
X0
Input 0
11
X1
Input 1
3
X2
Input 2
12
X3
Input 3
4
X4
Input 4
13
X5
Input 5
5
X6
Input 6
14
X7
Input 7
6
X8
Input 8
15
X9
Input 9
7
X10 Input 10
16
X11
Input 11
8
X12 Input 12
17
X13
Input 13
9
X14 Input 14
18
X15
Input 15
NO.
ID
FUNCTION
NO.
ID
FUNCTION
19
COM Common
28
COM Common
20
X16 Input 16
29
X17
Input 17
21
X18 Input 18
30
X19
Input 19
22
X20 Input 20
31
X21
Input 21
23
X22 Input 22
32
X23
Input 23
24
X24 Input 24
33
X25
Input 25
25
X26 Input 26
34
X27
Input 27
26
X28 Input 28
35
X29
Input 29
27
X30 Input 30
36
X31
Input 31
■POWER SUPPLY TERMINAL ASSIGNMENT
4
NC
5
6
7
1
2
3
NC
+24V 0V
NC
NC
FE
1. NC
2. NC
3. FE
4. NC
5. NC
6. +24V
7. 0V
-
-
Functional earth
-
-
Power supply (24V DC)
Power supply (0V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com