Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4FML3-6-DA32-1-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7K4FML3-6-DA32-1-R
Description  Remote I/O R7K4F Series MECHATROLINK I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4FML3-6-DA32-1-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R7K4FML3-6-DA32-1-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4FML3-6-DA32-1-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: R7K4FML3-6-DA32-1
R7K4FML3-6-DA32-1 SPECIFICATIONS
ES-7773-F Rev.1 Page 6/7
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FE terminal to ground.
Caution: FE terminal is NOT a protective conductor terminal.
1
5
10
2
6
4
7
13
8
9
14
12
15
11
16
17
18
COM
COM
X2
X4
X6
X8
X10
X12
X14
X1
X15
X3
X5
X7
X9
X11
X13
X0
3
19
23
28
20
24
22
25
31
26
27
32
30
33
29
34
35
36
COM
COM
X18
X20
X22
X24
X26
X28
X30
X17
X31
X19
X21
X23
X25
X27
X29
X16
21
6
7
24V DC
0V
3 FE
*
*
■ Input Connection Examples
PNP Connection
*MECHATROLINK connectors are internally connected.
The network cable can be connected to either one.
■ Input Circuit
1
COM
2
X0
36
X31
Control
Circuit
Input Circuit
Control
Circuit
Comm Circuit
1
10
X0
COM
–
+
36
X31
NPN Connection
19
28
2
1
10
X0
COM
– +
36
X31
19
28
2
COM
COM
COM
COM
COM
COM
10
19
28
COM
COM
COM
2
4
5
1
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com