Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7L Datasheet(PDF) 13 Page - M-System Co.,Ltd.

Part # R7L
Description  Remote I/O R7 Series LonWorks I/O MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7L Datasheet(HTML) 13 Page - M-System Co.,Ltd.

Back Button R7L Datasheet HTML 9Page - M-System Co.,Ltd. R7L Datasheet HTML 10Page - M-System Co.,Ltd. R7L Datasheet HTML 11Page - M-System Co.,Ltd. R7L Datasheet HTML 12Page - M-System Co.,Ltd. R7L Datasheet HTML 13Page - M-System Co.,Ltd. R7L Datasheet HTML 14Page - M-System Co.,Ltd. R7L Datasheet HTML 15Page - M-System Co.,Ltd. R7L Datasheet HTML 16Page - M-System Co.,Ltd. R7L Datasheet HTML 17Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MODEL: R7L
R7L SPECIFICATIONS
ES-7804 Rev.13 Page 13/26
http://www.m-system.co.jp/
DC VOLTAGE/CURRENT INPUT MODULE, 4 points
MODEL: R7L-SV4
SPECIFICATIONS
Isolation: Input 0 to input 1 to input 2 to input 3 to power
input or LonWorks or FG
Converted data range: 0 – 100.00 of the input range
Linearization: Standard
Input range
Wide span voltage: -10 – +10 V DC(*), -5 – +5 V DC,
0 – 10 V DC, 0 – 5 V DC, 1 – 5 V DC;
(*) Factory setting
Narrow span voltage: -1 – +1 V DC, 0 – 1 V DC,
-0.5 – +0.5 V DC, 0 – 0.5 V DC;
Current range: -20 – +20 mA DC, 0 – 20 mA DC,
4 – 20 mA DC
(Input range is selectable using the LNS Plug-in Software
(model: R7LPLG))
Cold junction compensation: CJC sensor attached to the
input terminals
• Input resistance
Wide span voltage: ≥ 1 MΩ
Narrow span voltage: ≥ 100 kΩ
Current range: 70 Ω
Conversion rate / conversion accuracy: 80 msec. / ±0.1 %
Temperature coefficient: ±0.015 %/°C (±0.008 %/°F)
FUNCTIONAL BLOCKS
The following Functional Blocks are usable. Refer to the
instruction manual for detailed information.
• NodeObject (extension module setting)
• fbCNT (count)
• fbSV (DC voltage/current input, input range)
• fbARM (alarm output)
• fbCV (scaling)
• fbLED (LED function)
• fbDOEX (discrete output, extension module)
• fbDIEX (discrete input, extension module)
TERMINAL ASSIGNMENTS
10
VL0
11
I0
12
VL1
1
VH0
2
COM0
3
VH1
13
I1
4
COM1
14
NC
5
NC
15
VL2
6
VH2
16
I2
7
COM2
17
VL3
8
VH3
9
COM3
18
I3
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
VH0 Wide span volt. 0
10
VL0 Narrow span volt. 0
2
COM0 Common 0
11
I0
Current range 0
3
VH1 Wide span volt. 1
12
VL1 Narrow span volt. 1
4
COM1 Common 1
13
I1
Current range 1
5
NC
No connection
14
NC
No connection
6
VH2 Wide span volt. 2
15
VL2 Narrow span volt. 2
7
COM2 Common 2
16
I2
Current range 2
8
VH3 Wide span volt. 3
17
VL3 Narrow span volt. 3
9
COM3 Common 3
18
I3
Current range 3
CIRCUIT DIAGRAM
Input Circuit
Comm.
Circuit
Control
Circuit
1
VH0
■ Input Connection Examples
VHn
VLn
In
+
– COMn
10
VL0
11
I0
2
COM0
INPUT 0
Input Circuit
3
VH1
12
VL1
13
I1
4
COM1
INPUT 1
Input Circuit
6
VH2
15
VL2
16
I2
7
COM2
INPUT 2
Input Circuit
8
VH3
17
VL3
18
14
I3
9
5
COM3
INPUT 3
WIDE SPAN
VOLTAGE
VHn
VLn
In
+
– COMn
NARROW SPAN
VOLTAGE
VHn
VLn
In
+
– COMn
Be sure to close across VLn and In terminals for a current input.
CURRENT
RANGE
4
7
6
3
2
5
1
FG
NET2
NET2
NET1
NET1
V (–)
U (+)
LONWORKS
LONWORKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com