Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7L Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7L
Description  Remote I/O R7 Series LonWorks I/O MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7L Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7L Datasheet HTML 1Page - M-System Co.,Ltd. R7L Datasheet HTML 2Page - M-System Co.,Ltd. R7L Datasheet HTML 3Page - M-System Co.,Ltd. R7L Datasheet HTML 4Page - M-System Co.,Ltd. R7L Datasheet HTML 5Page - M-System Co.,Ltd. R7L Datasheet HTML 6Page - M-System Co.,Ltd. R7L Datasheet HTML 7Page - M-System Co.,Ltd. R7L Datasheet HTML 8Page - M-System Co.,Ltd. R7L Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MODEL: R7L
R7L SPECIFICATIONS
ES-7804 Rev.13 Page 2/26
http://www.m-system.co.jp/
LonWorks SYSTEM REQUIREMENTS
• LonMaker Turbo Edition Ver.3.2 or higher + LonMaker
Turbo Service Pack 4.0 or higher
• LonMark Resource File Ver.13 or higher
GENERAL SPECIFICATIONS
■ Common Specifications
Power input:
24 V AC ±10 % (50 / 60 Hz)
24 V DC ±10 %; ripple 10 %p-p max.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(between isolated circuits)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Storage temperature: -20 to +65°C (-4 to +149°F)
Mounting: DIN rail (35 mm wide)
Connection: M3 separable screw terminals
(torque 0.5 N·m)
Screw terminal material: Nickel-plated steel
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG22 to 16)
Housing material: Flame-resistant resin (gray)
Status indicator: PWR, ONLINE, ERR, TX/RX, SVCE
(Refer to the instruction manual for details)
■ Current Consumption & Weight
Current consumption at 24 V AC / 24 V DC
R7L-DA16: 70 mA / 40 mA; 200 g (7.1 oz)
R7L-DC16A: 80 mA / 50 mA; 200 g (7.1 oz)
R7L-DC16B: 80 mA / 50 mA; 200 g (7.1 oz)
R7L-DAC16: 75 mA / 45 mA; 200 g (7.1 oz)
R7L-SV4: 80 mA / 50 mA; 200 g (7.1 oz)
R7L-TS4: 85 mA / 50 mA; 200 g (7.1 oz)
R7L-RS4: 85 mA / 50 mA; 200 g (7.1 oz)
R7L-YV2: 110 mA / 70 mA; 200 g (7.1 oz)
R7L-YS2: 180 mA / 110 mA; 200 g (7.1 oz)
R7L-RR8: 75 mA / 50 mA; 200 g (7.1 oz)
R7L-EA8: 15 mA / 10 mA; 90 g (3.2 oz)
R7L-EA16: 30 mA / 20 mA; 150 g (5.3 oz)
R7L-EC8A: 15 mA / 10 mA; 90 g (3.2 oz)
R7L-EC16A: 30 mA 20 mA; 150 g (5.3 oz)
R7L-EC8B: 15 mA / 10 mA; 90 g (3.2 oz)
R7L-EC16B: 30 mA / 20 mA; 150 g (5.3 oz)
■ Recommended solderless terminal
3.3 (.13) max
mm (inch)
■ I/O Status Indicator
• Discrete I/O
Discrete I/O modules have LED indicators showing I/O signal
status.
• Analog I/O
Analog I/O modules have LED indicators showing network
variable status assigned to fbLED.
(Refer to the instruction manual for details)
■ Service Switch
Used to identify the node in LonWorks network
configuration.
■ Reset Switch
Used to reset the Neuron Chip. Press the switch behind the
front cover to reset.
Control functions are halted while completing resetting and
restarting. Confirm no danger before conducting resetting.
LonWorks COMMUNICATION
Neuron Chip: FT3120 (NeuronID printed in numeric and bar
code [peel-off code 39 format] under the specification
marking on the product; two sticker labels attached)
Transceiver: FT-X1 (equivalent to FTT10A)
Transmission speed: 78 kbps
Twisted-pair cable
Distance, free topology: 500 meters
Max. 64 nodes/channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com