Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7ML Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R7ML
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R7ML Datasheet HTML 1Page - M-System Co.,Ltd. R7ML Datasheet HTML 2Page - M-System Co.,Ltd. R7ML Datasheet HTML 3Page - M-System Co.,Ltd. R7ML Datasheet HTML 4Page - M-System Co.,Ltd. R7ML Datasheet HTML 5Page - M-System Co.,Ltd. R7ML Datasheet HTML 6Page - M-System Co.,Ltd. R7ML Datasheet HTML 7Page - M-System Co.,Ltd. R7ML Datasheet HTML 8Page - M-System Co.,Ltd. R7ML Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 1/40
Remote I/O R7 Series
MECHATROLINK I/O MODULE
(MECHATROLINK-I/-II)
ORDERING INFORMATION
• Basic module: R7ML-[1]-R[2]
Specify a code from below for each [1] and [2].
(e.g. R7ML-LC2-R/R20/F2K/Q)
• Specify the specification for option code /Q
(e.g. /C01)
• Extension module: R7ML-[1][2]
Specify a code from below for each [1] and [2].
(e.g. R7ML-EC16B/Q)
• Specify the specification for option code /Q
(e.g. /C01)
BASIC MODULE: R7ML–[1]–R[2]
[1] I/O TYPE
DA16: Discrete input, 16 points
DC16A: NPN transistor output, 16 points
DC16B: PNP transistor output, 16 points
DC16D: PNP transistor output, 16 points, shortcircuit protection
SV4: DC voltage/current input (10 V/20 mA), 4 points
TS4: Thermocouple input, 4 points (CE not available)
RS4: RTD input, 4 points (CE not available)
LC2: Strain gauge input, 2 points (with monitor output)
YV2: DC voltage output, 2 points (CE not available)
YS2: DC current output, 2 points (CE not available)
POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
[2] OPTIONS (multiple selections only for LC2)
Input Range
(Selectable only for LC2 (be sure to specfy))
/R20: -2 - +2 mV/V
/R10: -1 - +1 mV/V
/R05: -0.5 - +0.5 mV/V
CR Filter
(Selectable only for LC2 (be sure to specfy))
/F2K: 2 kHz/2 Hz
/F1: 1 Hz/2 Hz
Other Options
blank: none
/Q: Option other than the above (specify the specification)
EXTENSION MODULE: R7ML–[1][2]
[1] I/O TYPE
EA8: Discrete input, 8 points (CE not available)
EA16: Discrete input, 16 points (CE not available)
EC8A: NPN transistor output, 8 points (CE not available)
EC16A: NPN transistor output, 16 points (CE not available)
EC8B: PNP transistor output, 8 points (CE not available)
EC16B: PNP transistor output, 16 points (CE not available)
EC8D: PNP transistor output, 8 points, shortcircuit protection
EC16D: PNP transistor output, 16 points, shortcircuit protection
[2] OPTIONS
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
FUNCTIONS & FEATURES
The R7ML, complying with MECHATROLINK-I and -II
Intelligent I/O specifications, interfaces analog and discrete
I/O signals with a PLC or PC via MECHATROLINK.
A ‘basic’ module can be attached with an ‘extension’
module. By combining two modules, single station can
handle mixed analog and discrete signals, 32-point discrete
inputs, 32-point discrete outputs, 16-point discrete I/Os and
other combinations of signals.
Input sensor type (thermocouple, RTD) and range can be
selected with the front DIP switches for all channels. In
order to set different selections for individual channels,
zero/span adjustments, scaling and temperature unit, use
the PC Configurator Software (model: R7CON)
RELATED PRODUCTS
• PC configurator software (model: R7CON)
Downloadable at M-System’s web site.


Similar Part No. - R7ML

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7M MSYSTEM-R7M Datasheet
1Mb / 39P
Remote I/O R7 Series MODBUS I/O MODULE
logo
Omron Electronics LLC
R7M-A03030-BS1 OMRON-R7M-A03030-BS1 Datasheet
339Kb / 8P
Cost-Effective Servo Capability with Stepper Simplicity
R7M-A03030-S1 OMRON-R7M-A03030-S1 Datasheet
339Kb / 8P
Cost-Effective Servo Capability with Stepper Simplicity
R7M-A05030-BS1 OMRON-R7M-A05030-BS1 Datasheet
339Kb / 8P
Cost-Effective Servo Capability with Stepper Simplicity
R7M-A05030-S1 OMRON-R7M-A05030-S1 Datasheet
339Kb / 8P
Cost-Effective Servo Capability with Stepper Simplicity
More results

Similar Description - R7ML

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7F4HML3-D-DAC32A MSYSTEM-R7F4HML3-D-DAC32A Datasheet
273Kb / 8P
Remote I/O R7F4H Series MECHATROLINK I/O MODULE
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
R7G4FML3-6-DA16 MSYSTEM-R7G4FML3-6-DA16 Datasheet
215Kb / 6P
Remote I/O R7G4F Series MECHATROLINK I/O MODULE
R7G4FML3-6-DC16A MSYSTEM-R7G4FML3-6-DC16A Datasheet
215Kb / 6P
Remote I/O R7G4F Series MECHATROLINK I/O MODULE
R7G4HML3-6-SV4 MSYSTEM-R7G4HML3-6-SV4 Datasheet
254Kb / 8P
Remote I/O R7G4H Series MECHATROLINK I/O MODULE
R7K4DML-B-DA32B MSYSTEM-R7K4DML-B-DA32B Datasheet
366Kb / 8P
Remote I/O R7K4D Series MECHATROLINK I/O MODULE
R7K4FML-6-DCA32A MSYSTEM-R7K4FML-6-DCA32A Datasheet
276Kb / 8P
Remote I/O R7K4F Series MECHATROLINK I/O MODULE
R7K4JML3-E-DAFC64A MSYSTEM-R7K4JML3-E-DAFC64A Datasheet
507Kb / 9P
Remote I/O R7K4J Series MECHATROLINK I/O MODULE
R7L MSYSTEM-R7L Datasheet
608Kb / 26P
Remote I/O R7 Series LonWorks I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com