Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7ML Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # R7ML
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button R7ML Datasheet HTML 7Page - M-System Co.,Ltd. R7ML Datasheet HTML 8Page - M-System Co.,Ltd. R7ML Datasheet HTML 9Page - M-System Co.,Ltd. R7ML Datasheet HTML 10Page - M-System Co.,Ltd. R7ML Datasheet HTML 11Page - M-System Co.,Ltd. R7ML Datasheet HTML 12Page - M-System Co.,Ltd. R7ML Datasheet HTML 13Page - M-System Co.,Ltd. R7ML Datasheet HTML 14Page - M-System Co.,Ltd. R7ML Datasheet HTML 15Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 11/40
0
15
Input 0 (Burnout, input range error)
Input 1 (Burnout, input range error)
Input 2 (Burnout, input range error)
Unused
Input 3 (Burnout, input range error)
Input 0 (ADC error)
Input 1 (ADC error)
Input 2 (ADC error)
Input 3 (ADC error)
:
Unused
Burnout, input range error (≤-15%, ≥+115%)
0 : Normal
1 : Error
ADC error (no response from ADC)
0 : Normal
1 : Error
■ STATUS
Analog input modules (models: R7ML-SV4, R7ML-TS4, R7ML-RS4) can show input status of each channel.
0
15
■ LC2 COMMAND DETAILS
Input 0 Automatic zero correction
Input 0 Zero adjustment
Input 0 Span adjustment
Input 0 Mode setting
Input 0 Reset offset
Input 1 Automatic zero correction
Input 1 Zero adjustment
Input 1 Span adjustment
Input 1 Mode setting
Input 1 Reset offset
Input 1 Below range
Input 1 Within range
Input 1 Over range
Input 0 Below range
Input 0 Within range
Input 0 Over range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com