Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OHV110-F228-R2 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OHV110-F228-R2
Description  Handheld reader
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OHV110-F228-R2 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OHV110-F228-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OHV110-F228-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OHV110-F228-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OHV110-F228-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OHV110-F228-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Interface
Physical
USB 2.0 , RS-232
Compliance with standards and directives
Standard conformity
Noise immunity
EN 55024:2010
Emitted interference
EN 55032:2012+AC:2013
Ambient conditions
Ambient temperature
-20 ... 55 °C (-4 ... 131 °F)
Storage temperature
-30 ... 65 °C (-22 ... 149 °F)
Relative humidity
5 ... 95 % non-condensing
Shock and impact resistance
Withstands multible drops from 1.8 m / 6 ft onto a concrete surface
Mechanical specifications
Degree of protection
IP54
Connection
System connector for connecting cable
Material
Housing
plastic
Mass
116 g
Dimensions
77 mm x 52 mm x 132 mm (l x w x h)
General information
Scope of delivery
Handheld reader
Connection
Pin
Signal
1
+VIN
2
USB_DM
3
USB_DP
4
RS 232 TX
5
RS 232 RTS
6
RS 232 RX
7
RS 232 CTS
8
External Trigger
9
not connected
10
Ground
Connection Assignment
1
5
10
Assembly
2 Functional display green
3 Trigger button
1
2
Handheld reader
OHV110-F228-R2
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com