Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OHV110-F228-R2 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OHV110-F228-R2
Description  Handheld reader
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OHV110-F228-R2 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OHV110-F228-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OHV110-F228-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OHV110-F228-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OHV110-F228-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OHV110-F228-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions
77
52
Technical Data
General specifications
Light type
Integrated LED lightning (red)
Readable codes
1-D Codes: Codabar, Code 11, Code 32, Code 39, Code 93, Code 128, IATA 2 of 5,
Interleaved 2 of 5, GS1 DataBar, Hong Kong 2 of 5, Matrix 2 of 5, MSI Plessey, NEC 2
of 5, Pharmacode, Plessey, Straight 2 of 5, Telepen, Trioptic, UPC/EAN/JAN
Gestapelte 1-D Codes: Codablock F, Code 49, GS1 Composite (CC-A/CC-B/CC-C),
MicroPDF, PDF417
2-D Codes: Aztec Code, Data Matrix, Data Matrix Rectangular, Grid Matrix, Han Xin,
Maxicode, Micro QR Code, QR Code, QR Model 1
Post Codes: Australian Post, Canada Post, Intelligent Mail, Japan Post, KIX Code,
Korea Post, Post-Net, Planet, Postnet, UK Royal Mail, UPU ID-tags
Read distance
40 ... 310 mm depending on the code type
Reading field
max. 190 mm x 290 mm
Modul size
min. 0.1 mm
Ambient light limit
96890 Lux
Target velocity
Stop
Nominal ratings
Camera
Type
CMOS
Number of pixels
1280 x 960
Image recording
real-time , manually triggered
Indicators/operating means
Function indicator
LED green: Data carrier read
Electrical specifications
Supply
via cable
Handheld reader
OHV110-F228-R2
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com