Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OHV1000-F223-R2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OHV1000-F223-R2
Description  Handheld reader
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OHV1000-F223-R2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OHV1000-F223-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OHV1000-F223-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Handheld reader
OHV1000-F223-R2
1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
OHV1000-F223-R2
Handheld reader for reading lasered,
punched or printed 1-D and 2-D codes
Features
• All common 1-D or 2-D codes can be
read
• Dual lens for large read range
• Reading of laser-engraved, etched, or
printed codes
• Reads from reflective surfaces
• Programmable with JavaScript
• Audible, tactile, and visual user feed-
back
• Degree of protection IP54
Function
The OHV1000 handheld is a compact handheld reader for all common 1-D and 2-D codes
applied directly to the surface of a product. For example, the code may have been etched,
printed, or laser-engraved on the housing. Special technology to prevent glare allows the
device to accurately read codes on highly reflective surfaces. With its patented dual lens and a
resolution of 1.2 million pixels, it can read both small and large codes from a wide range of dis-
tances. Feedback comes in the form of a visual or audible signal or a vibration.
Using the Vision Configurator software, rule sets can be created for formatting read results wit-
hout the need for extensive programming work. This facilitates integration into ERP systems.
Data is transferred via USB or RS-232, depending on which connection cable is selected.
With its robust housing and IP54 protection, the handheld reader is ideally suited to heavy-
duty industrial use.
Indicating / Operating means
Electrical connection
Pinout
Technical data
General specifications
Light type
Integrated LED lightning (red)
Readable codes
1-D Codes: Codabar, Code 11, Code 32, Code 39, Code 93,
Code 128, IATA 2 of 5, Interleaved 2 of 5, GS1 DataBar, Hong
Kong 2 of 5, Matrix 2 of 5, MSI Plessey, NEC 2 of 5, Pharma-
code, Plessey, Straight 2 of 5, Telepen, Trioptic, UPC/EAN/JAN
Stacked 1-D Codes: GS1 Composite, MicroPDF, PDF417
2-D Codes: Aztec Code, Code 49, Codablock F, Data Matrix,
Han Xin, MaxiCode, Micro QR, QR Code
Postal Codes: Australian Post, Intelligent Mail, Japan Post, KIX
Code, Korea Post, Planet, Postnet, UK Royal Mail, UPU ID-tags
Read distance
0 ... 200 mm depending on the code type and reading mode
Modul size
≥ 0.1 mm
Ambient light limit
96890 Lux
Target velocity
Stop
Nominal ratings
Camera
Type
CMOS
Number of pixels
1280 x 960
Image recording
real-time , manually triggered
Indicators/operating means
1 Mounting bracket
2 Function indicator
3 10-pin connector socket
4 Trigger button
5 Optics
4
3
5
1
2
Pin
Signal
1
+VIN
2
USB_DM
3
USB_DP
4
RS 232 TX
5
RS 232 RTS
6
RS 232 RX
7
RS 232 CTS
8
External Trigger
9
not connected
10
Ground
1
5
10


Similar Part No. - OHV1000-F223-R2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OHV1000-BRACKET PF-OHV1000-BRACKET Datasheet
119Kb / 1P
Data Matrix Accessories
More results

Similar Description - OHV1000-F223-R2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
Agilent U1240 Series Handheld Handheld
logo
Prolific Technology Inc...
MA8170 PROLIFIC-MA8170 Datasheet
282Kb / 2P
USB 2.0 Handheld Device Reader Controller
logo
Pepperl+Fuchs Inc.
OHV10-F228-R2 PF-OHV10-F228-R2 Datasheet
4Mb / 3P
Handheld reader
OHV110-F228-R2 PF-OHV110-F228-R2 Datasheet
835Kb / 5P
Handheld reader
OHV200-F220-B15 PF-OHV200-F220-B15 Datasheet
212Kb / 2P
Handheld reader
OHV200-F221-B15 PF-OHV200-F221-B15 Datasheet
225Kb / 2P
Handheld reader
OHV2000-F221-B15 PF-OHV2000-F221-B15 Datasheet
744Kb / 3P
Handheld reader
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
Handheld
2022-05-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com