Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OHV1000-F223-R2 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OHV1000-F223-R2
Description  Handheld reader
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OHV1000-F223-R2 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OHV1000-F223-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OHV1000-F223-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
OHV1000-F223-R2
Handheld reader
Other suitable accessories can be found at
www.pepperl-fuchs.com
Accessories
Vision Configurator
Operating software for camera-based
sensors
V45-G-2M-PVC-ABG-USB-G
Adapter cable, RJ50 to USB
V45-G-2M-PVC-SUBD9
Adapter cable, RJ50 to RS 232
V50-G-2M-PVC-5V-SUBD25
Adapter cable, RJ-50 to D-Sub 25
OHV1000-BRACKET
Bracket for OHV1000-F223-R2
V19S-G-1,7/3M-PVC-V50
Adapter cable, M12 8-pin to RS 232
OHV-F230-B17
PROFINET Gateway for OHV handheld
Function indicator
LED green: Data carrier read
Electrical specifications
Supply
via cable
Interface
Physical
USB 2.0 , RS-232
Ambient conditions
Ambient temperature
-20 ... 55 °C (-4 ... 131 °F)
Storage temperature
-30 ... 65 °C (-22 ... 149 °F)
Relative humidity
5 ... 95 % non-condensing
Shock and impact resistance
Withstands multible drops from 1.8 m / 6 ft onto a concrete sur-
face
Mechanical specifications
Degree of protection
IP54
Connection
System connector for connecting cable
Material
Housing
plastic
Mass
130 g
Dimensions
93 mm x 53 mm x 151 mm (l x w x h)
General information
Scope of delivery
Handheld reader
Dimensions
93



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com