Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7705 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 45Page - Renesas Technology Corp SH7705 Datasheet HTML 46Page - Renesas Technology Corp SH7705 Datasheet HTML 47Page - Renesas Technology Corp SH7705 Datasheet HTML 48Page - Renesas Technology Corp SH7705 Datasheet HTML 49Page - Renesas Technology Corp SH7705 Datasheet HTML 50Page - Renesas Technology Corp SH7705 Datasheet HTML 51Page - Renesas Technology Corp SH7705 Datasheet HTML 52Page - Renesas Technology Corp SH7705 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 739 page
background image
Rev. 2.00, 09/03, page 3 of 690
Item
Features
Bus state
controller (BSC)
• Physical address space is divided into eight areas: area 0, areas 2 to 4;
each a maximum of 64 Mbytes, and areas 5A, 5B, 6A, 6B; each a maximum
of 32 Mbytes
• The following features are settable for each area
Bus size (8, 16, or 32 bits). The supported bus size differs for each area.
Number of access wait cycles (Numbers of wait-state cycles during reading
and writing are independently selectable for some areas.)
Setting of idle wait cycles (for the same area or different area)
Specifying the memory type to be connected to each area enables direct
connection to SRAM, byte selection SRAM, SDRAM, and burst ROM. Some
areas support address/data multiplex I/O (MPX).
Outputs chip select signal (
CS0, CS2 to CS4, CS5A/B, CS6A/B)for
corresponding area (Programs are used to select the
CS assert/negate
timing.)
• SDRAM refresh function
Supports auto-refresh and self-refresh modes
• SDRAM burst access function
Different SDRAM can be connected to area 2 or area 3 (size/latency)
• Usable as either big or little endian machine
Direct memory
access controller
(DMAC)
• Four channels. Two of these channels support external requests.
• Burst mode and cycle steal mode
• Outputs transfer end signal in channel with DREQ (one channel)
• Supports intermittent mode (supports 16 or 64 cycles)
Clock pulse
generator (CPG)
• Clock mode: Input clock can be selected from external input (EXTAL or
CKIO) or crystal resonator
• Three types of clocks generated
CPU clock: max. 133.34 MHz/100 MHz
Bus clock: max. 66.67 MHz
Peripheral clock: max. 33.34 MHz
• Seven types of clock mode (selection of multiplication ratio of PLL1 and
PLL2, and selection external clock or crystal resonator)
Watchdog timer
(WDT)
• One-channel watchdog timer
Power-down
mode
• Supports power-down mode
Sleep mode
Software standby mode and hardware standby mode
Module standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com