Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7705 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 69Page - Renesas Technology Corp SH7705 Datasheet HTML 70Page - Renesas Technology Corp SH7705 Datasheet HTML 71Page - Renesas Technology Corp SH7705 Datasheet HTML 72Page - Renesas Technology Corp SH7705 Datasheet HTML 73Page - Renesas Technology Corp SH7705 Datasheet HTML 74Page - Renesas Technology Corp SH7705 Datasheet HTML 75Page - Renesas Technology Corp SH7705 Datasheet HTML 76Page - Renesas Technology Corp SH7705 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 739 page
background image
Rev. 2.00, 09/03, page 27 of 690
2.2
Memory Map
2.2.1
Logical Address Space
The LSI supports 32-bit logical addresses and accesses system resources using the 4-Gbytes of
logical address space. User programs and data are accessed from the logical address space. The
logical address space is divided into several areas as shown in table 2.1.
P0/U0 Area: This area is called the P0 area when the CPU is in privileged mode and the U0 area
when in user mode. For the P0 and U0 areas, access using the cache is enabled. The P0 and U0
areas are handled as address translatable areas.
If the cache is enabled, access to the P0 or U0 area is cached. If a P0 or U0 address is specified
while the address translation unit is enabled, the P0 or U0 address is translated into a physical
address based on translation information defined by the user.
If the CPU is in user mode, only the U0 area can be accessed. If P1, P2, P3, or P4 is accessed in
user mode, a transition to an address error exception occurs.
P1 Area: The P1 area is defined as a cacheable but non-address translatable area. Normally,
programs executed at high speed in privileged mode, such as exception processing handlers, which
are at the core of the operating system (S), are assigned to the P1 area.
P2 Area: The P2 area is defined as a non-cacheable but non-address translatable area. A reset
processing program to be called from the reset state is described at the start address (H'A0000000)
of the P2 area. Normally, programs such as system initialization routines and OS initiation
programs are assigned to the P2 area. To access a part of an on-chip module control register, its
corresponding program should be assigned to the P2 area.
P3 Area: The P3 area is defined as a cacheable and address translatable area. This area is used if
an address translation is required for a privileged program.
P4 Area: The P4 area is defined as a control area which is non-cacheable and non-address
translatable. This area can be accessed only in privileged mode. A part of this LSI's on-chip
module control register is assigned to this area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com