Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7706 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7706
Description  Renesas 32-Bit RISC Microcomputer Super RISC engine Family/SH7700 Series
PDF  709 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7706 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7706 Datasheet HTML 35Page - Renesas Technology Corp SH7706 Datasheet HTML 36Page - Renesas Technology Corp SH7706 Datasheet HTML 37Page - Renesas Technology Corp SH7706 Datasheet HTML 38Page - Renesas Technology Corp SH7706 Datasheet HTML 39Page - Renesas Technology Corp SH7706 Datasheet HTML 40Page - Renesas Technology Corp SH7706 Datasheet HTML 41Page - Renesas Technology Corp SH7706 Datasheet HTML 42Page - Renesas Technology Corp SH7706 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 709 page
background image
Rev. 4.00, 03/04, page xxxix of xlvi
Figure 22.8 Sleep to Power-On Reset STATUS Output............................................................. 543
Figure 22.9 Sleep to Manual Reset STATUS Output ................................................................. 543
Figure 22.10 Hardware Standby Mode (When CA Goes Low in Normal Operation) ............... 545
Figure 22.11 Hardware Standby Mode Timing
(When CA Goes Low during WDT Operation on Standby Mode Cancellation) .. 546
Power-On Sequence...................................................................................................................... 570
Section 24 Electrical Characteristics
Figure 24.1 EXTAL Clock Input Timing ................................................................................... 576
Figure 24.2 CKIO Clock Input Timing....................................................................................... 576
Figure 24.3 CKIO Clock Output Timing .................................................................................... 576
Figure 24.4 Power-On Oscillation Settling Time ....................................................................... 577
Figure 24.5 Oscillation Settling Time at Standby Return (Return by Reset).............................. 577
Figure 24.6 Oscillation Settling Time at Standby Return (Return by NMI) ............................... 577
Figure 24.7 Oscillation Settling Time at Standby Return (Return by IRQ or IRL) ................... 578
Figure 24.8 PLL Synchronization Settling Time by Reset or
NMI at the returning from Standby mode (Return by Reset or NMI)..................... 578
Figure 24.9 PLL Synchronization Settling Time at the returning from Standby mode
(Return by IRQ/IRL Interrupt)................................................................................. 579
Figure 24.10 PLL Synchronization Settling Time when Frequency Multiplication
Rate Modified ....................................................................................................... 579
Figure 24.11 Reset Input Timing ................................................................................................ 581
Figure 24.12 Interrupt Signal Input Timing................................................................................ 581
Figure 24.13
IRQOUT Timing ...................................................................................................581
Figure 24.14 Bus Release Timing............................................................................................... 582
Figure 24.15 Pin Drive Timing at Standby ................................................................................. 582
Figure 24.16 Basic Bus Cycle (No Wait) ................................................................................... 585
Figure 24.17 Basic Bus Cycle (One Wait).................................................................................. 586
Figure 24.18 Basic Bus Cycle (External Wait)........................................................................... 587
Figure 24.19 Burst ROM Bus Cycle (No Wait).......................................................................... 588
Figure 24.20 Burst ROM Bus Cycle (Two Waits)...................................................................... 589
Figure 24.21 Burst ROM Bus Cycle (External Wait) ................................................................. 590
Figure 24.22 Synchronous DRAM Read Bus Cycle (RCD
= 0, CAS Latency = 1, TPC = 0)....591
Figure 24.23 Synchronous DRAM Read Bus Cycle (RCD
= 2, CAS Latency = 2, TPC = 1)....592
Figure 24.24 Synchronous DRAM Read Bus Cycle (Burst Read (Single Read
× 4),
RCD
= 0, CAS Latency = 1, TPC = 1)...................................................................593
Figure 24.25 Synchronous DRAM Read Bus Cycle (Burst Read (Single Read
× 4),
RCD
= 1, CAS Latency = 3, TPC = 0)...................................................................594
Figure 24.26 Synchronous DRAM Write Bus Cycle (RCD
= 0, TPC = 0, TRWL = 0).............595
Figure 24.27 Synchronous DRAM Write Bus Cycle (RCD
= 2, TPC = 1, TRWL = 1).............596
Figure 24.28 Synchronous DRAM Write Bus Cycle (Burst Mode (Single Write
× 4),
RCD
= 0, TPC = 1, TRWL = 0).............................................................................597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com