Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7706 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7706
Description  Renesas 32-Bit RISC Microcomputer Super RISC engine Family/SH7700 Series
PDF  709 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7706 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7706 Datasheet HTML 69Page - Renesas Technology Corp SH7706 Datasheet HTML 70Page - Renesas Technology Corp SH7706 Datasheet HTML 71Page - Renesas Technology Corp SH7706 Datasheet HTML 72Page - Renesas Technology Corp SH7706 Datasheet HTML 73Page - Renesas Technology Corp SH7706 Datasheet HTML 74Page - Renesas Technology Corp SH7706 Datasheet HTML 75Page - Renesas Technology Corp SH7706 Datasheet HTML 76Page - Renesas Technology Corp SH7706 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 709 page
background image
Rev. 4.00, 03/04, page 27 of 660
2.3.3
Instruction Formats
Table 2.3 explains the meaning of instruction formats and source and destination operands. The
meaning of the operands depends on the operation code. The following symbols are used.
xxxx:
Operation code
mmmm: Source register
nnnn:
Destination register
iiii:
Immediate data
dddd:
Displacement
Table 2.3
Instruction Formats
Instruction Format
Source
Operand
Destination
Operand
Instruction
Example
0format
xxxx
xxxx
xxxx
xxxx
15
0
——
NOP
—
nnnn: register
direct
MOVT
Rn
Control register or
system register
nnnn: register
direct
STS
MACH,Rn
nformat
xxxx
xxxx
xxxx
nnnn
15
0
Control register or
system register
nnnn: register
indirect with pre-
decrement
STC.L
SR,@–Rn
mmmm: register
direct
Control register
or system
register
LDC
Rm,SR
mmmm: register
indirect with post-
increment
Control register
or system
register
LDC.L
@Rm+,SR
mmmm: register
indirect
—JMP
@Rm
m
format
xxxx
mmmm
xxxx
xxxx
15
0
mmmm: PC-
relative using Rm
—BRAF
Rm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com