Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC880
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC880 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
G52191-0, Rev 4.2
Page 13
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
2.0 Packet Mode
2.1 Overview
In Packet Mode (CMODE=LOW), command words can be sent through the transceiver to the switch chip
requesting connection to one or multiple output channels. Acknowledge (ACK) information will be returned to the
transceiver from the switch allowing the port card to start transmitting data. In this mode of operation, no controller
chip is connected to the switch chip as the switch chip handles all arbitration for connection requests. Details on how
the transceiver operates in Packet Mode mode can be found in the VSC870 data sheet and the applications note 31:
“Design Guide for a Packet Based Switch with Distributed Control”. A picture of a self routing system is shown
below. The minimum packet size in this mode of operation is 4 words or 16 bytes.
Figure 6: Packet Mode System
2.2 Data Encoding Format
The data word and command word formats are described in section 1.0. In this section the header word and
Connection Request (CRQ) word format at the serial input and serial output of the switch are described.
2.2.1 Header word Format on the Serial Data Lines
The header word format as seen at the serial output of the transceiver or switch chip is shown below. Two
overhead bits are added to designate a header word to the receiving chip. The serial data is transmitted with the MSB
first.
If multiple headers are sent in a row, the VSC870 will convert all but the first one into IDLEs.
Port Card
Trans
RXFIFO
TXFIFO
Port Card
Trans
RXFIFO
TXFIFO
Switch
Chip
Switch Card
VSC870
VSC870
VSC880



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com