Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC0602NLS Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ISC0602NLS
Description  OptiMOSTM5 Power-Transistor, 80 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC0602NLS Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ISC0602NLS Datasheet HTML 3Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 4Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 5Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 6Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 7Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 8Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 9Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 10Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
OptiMOSTM5Power-Transistor,80V
ISC0602NLS
Rev.2.1,2021-04-01
Final Data Sheet
Diagram9:Normalizeddrain-sourceonresistance
Tj[°C]
-75
-50
-25
0
25
50
75
100
125
150
0.4
0.8
1.2
1.6
2.0
RDS(on)=f(Tj),ID=20A,VGS=10V
Diagram10:Typ.gatethresholdvoltage
Tj[°C]
-75
-50
-25
0
25
50
75
100
125
150
0.8
1.2
1.6
2.0
2.4
29 µA
290 µA
VGS(th=f(Tj),VGS=VDS;parameter:ID
Diagram11:Typ.capacitances
VDS[V]
0
20
40
60
80
100
101
102
103
104
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Diagram12:Forwardcharacteristicsofreversediode
VSD[V]
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
101
102
103
25 °C
25 °C, max
150 °C
150 °C, max
IF=f(VSD);parameter:Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com