Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC0602NLS Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ISC0602NLS
Description  OptiMOSTM5 Power-Transistor, 80 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC0602NLS Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ISC0602NLS Datasheet HTML 3Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 4Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 5Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 6Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 7Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 8Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 9Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 10Page - Infineon Technologies AG ISC0602NLS Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
OptiMOSTM5Power-Transistor,80V
ISC0602NLS
Rev.2.1,2021-04-01
Final Data Sheet
5PackageOutlines
DIMENSIONS
MIN.
MAX.
MILLIMETERS
PG-TDSON-8-U08
REVISION: 01
DATE: 12.02.2021
PACKAGE - GROUP
NUMBER:
L
E1
L1
c
D
A
b
e
E
D1
0.45
4.05
5.70
0.90
0.34
4.80
0.45
3.90
1.27
0.65
4.25
6.10
1.20
0.54
5.35
0.65
4.40
0.15
0.35
D2
0.00
0.22
Figure1OutlinePG-TDSON-8,dimensionsinmm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com