Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF3055 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF3055
Description  Motor Control. Protable equipment application.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF3055 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF3055 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Product Summery
VDS
RDS(ON)
ID
30
15mΩ
24A
operation with gate voltages as low as 4.5V.This device
-30
11mΩ
-19.8A
Application
Motor Control.
Protable equipment application.
Synchronous Rectification.
TO-252 Pin Configuration
2,Re liable and Rugged
Absolute Maximum Ratings (T= 25°C unless otherwise noted)
Symbol
N Channel P Channel
Unit
VDSS
30
-30
VGSS
±20
±20
TC=25°C
24
-19.8
TC=100°C
15
-12.6
TC=25°C
TC=100°C
TA=25°C
9
-7.6
TA=70°C
7.3
-6
IDM
a
Pulsed Drain Current
TA=25°C
36
-30.4
A
TA=25°C
TA=70°C
IS
Diode Continuous Forward Current
TC=25°C
3
-3
A
TJ
TSTG
RƟJC
Thermal Resistance-Junction to Case
Steady
State
°C/W
t ≤10s
°C/W
Steady
State
°C/W
IAS
c
Avalanche Current, Single pulse
L=0.1mH
13
19
A
EAS
c
Avalanche Energy, Single pulse
L=0.1mH
8.5
18
mJ
Note a:Pulse width limited by max. junction temperature.
Note b:Surface mounted on 1in2 pad area.
Note c:UIS tested and pulse width limited by maximum junction temperature 150
°C(initial temperature Tj=25°C)
°C
Storage Temperature Range
-55 to 150
W
7.6
Parameter
Drain-Source Voltage
V
Gate-Source Voltage
Description
6.6
ID
Continuous Drain Current
A
PD
Maximum Power Dissipation
2.78
W
1.78
ID
Continuous Drain Current
A
PD
Maximum Power Dissipation
18.9
3,Lead Free Available (RoHS Compliant)
1,100 % U IS + Rg Tested
RƟJA
b
Thermal Resistance-Junction to Ambient
45
95
Maximum Junction Temperature
150
Switching application
provide excellent RDS(ON), low gate charge and
is suitable for use as a Battery protection or in other
The WSF3055 uses advanced trench technology to
Features
WSF3055
N-Ch and P-Channel MOSFET
Page 1
www.winsok.tw
Rev1.0 May.2020


Similar Part No. - WSF3055

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF30100 WIINSOK-WSF30100 Datasheet
806Kb / 5P
N-Ch MOSFET
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
N-Ch and P-Channel MOSFET
WSF3013 WIINSOK-WSF3013 Datasheet
700Kb / 10P
N-Ch and P-Channel MOSFET
WSF30150 WIINSOK-WSF30150 Datasheet
1Mb / 5P
Battery protection, Load switch
More results

Similar Description - WSF3055

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIB5N50L IRF-IRFIB5N50L Datasheet
185Kb / 9P
MOTOR Control Application
logo
Wuxi Youda electronics ...
YD6651 YOUDA-YD6651 Datasheet
75Kb / 3P
MOTOR CONTROL CIRCUIT
logo
BCD Semiconductor Manuf...
AM6651B BCDSEMI-AM6651B Datasheet
97Kb / 9P
MOTOR CONTROL CIRCUIT
logo
Toshiba Semiconductor
CUS01 TOSHIBA-CUS01_06 Datasheet
158Kb / 5P
Portable Equipment Battery Application
logo
KODENSHI_AUK CORP.
STJ001SF KODENSHI-STJ001SF Datasheet
465Kb / 8P
PORTABLE EQUIPMENT APPLICATION
STJ004SF KODENSHI-STJ004SF Datasheet
465Kb / 8P
PORTABLE EQUIPMENT APPLICATION
STK003SF KODENSHI-STK003SF Datasheet
459Kb / 8P
PORTABLE EQUIPMENT APPLICATION
STK004SF KODENSHI-STK004SF Datasheet
457Kb / 8P
PORTABLE EQUIPMENT APPLICATION
logo
Toshiba Semiconductor
2SD1165A TOSHIBA-2SD1165A Datasheet
122Kb / 3P
HIGH POWER SWITCHING APPLICATION. DC-AC POWER INVERTER APPLICATION. MOTOR CONTROL APPLICATION.
2SD1166 TOSHIBA-2SD1166 Datasheet
117Kb / 3P
HIGH POWER SWITCHING APPLICATION. AC & MOTOR CONTROL APPLICATION. INVERTER APPLICATION.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com