Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF3055 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF3055
Description  Motor Control. Protable equipment application.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF3055 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF3055 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
N Channel Electrical Characteristics (T= 25°C unless otherwise noted)
Min.
Typ.
Max.
BVDSS
Drain-Source Breakdown Voltage
30
-
-
V
-
-
50
A
TJ=85°C
-
-
5
mA
VGS(th)
Gate Threshold Voltage
1.3
1.8
2.3
V
IGSS
Gate Leakage Current
-
-
±100
nA
-15
20
mΩ
-18
23
mΩ
VSD
d
Diode Forward Voltage
0.3
0.4
0.55
V
trr
Reverse Recovery Time
-
11
-
ns
Qrr
Reverse Recovery Charge
-
3.5
-
nC
RG
Gate Resistance
-
3.3
-
Ω
Ciss
Input Capacitance
-
395
514
Coss
Output Capacitance
-
105
-
Crss
Reverse Transfer Capacitance
-
42
-
td(ON)
Turn-on Delay Time
-
5.5
-
tr
Turn-on Rise Time
-
10.5
-
td(OFF)
Turn-off Delay Time
-
15
-
tf
Turn-off Fall Time
-
3.7
-
Qg
Total Gate Charge
-
4
-
Qg
Total Gate Charge
-
8.3
12.5
Qgs
Gate-Source Charge
-
1.1
-
Qgd
Gate-Drain Charge
-
1.8
-
Note d:Pulse test ; pulse width:≤300μs, duty cycle≤2%.
Note e:Guaranteed by design, not subject to production testing.
VDS=15V,VGS=4.5V, IDS=4A
nC
VDS=15V, VGS=10V,
IDS=4.0A
VDS=24V, VGS=0V
VGS=0V, VDS=15V,
Frequency=1.0MHz
pF
VDD=15V, RL=15 , I
  DS
=1A,
VGEN=10V, RG=6 
ns
Gate Charge Characteristics e
Diode Characteristics
ISD=1A, VGS=0V
ISD=4.0A, dlSD/dt=100A/μs
Dynamic Characteristics e
VGS=0V,VDS=0V,f=1MHz
VDS=VGS, IDS=250μA
VGS=±20V, VDS=0V
RDS(ON) d
Drain-Source On-state Resistance
VGS=10V, IDS=9A
VGS=4.5V, IDS=8A
Static Characteristics
VGS=0V, IDS=250μA
IDSS
Zero Gate Voltage Drain Current
Symbol
Parameter
Test Conditions
N Channel
Unit
WSF3055
N-Ch and P-Channel MOSFET
Page 2
www.winsok.tw
Rev1.0 May.2020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com