Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF2065 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF2065
Description  Power switching application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF2065 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF2065 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2065 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2065 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2065 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2065 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
Product Summery
The WSF2060 uses advanced trench technology
BVDSS
RDSON
ID
and design to provide excellent RDS(ON) with low
20V
3.
5mΩ
60A
gate charge. It can be used in a wide variety of applications.
General Features
Application
●
High density cell design for ultra low Rdson
●
Power switching application
●
Fully characterized avalanche voltage and current
●
Hard switched
●
Good stability and uniformity with high EAS
●
Uninterruptible power supply
●
Excellent package for good heat dissipation
TO-252 Pin Configuration
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Limit
Unit
VDS
20
V
VGS
±12
V
ID
60
A
ID*
Drain Current-Continuous
TC=100℃
52
A
IDM
3
20
A
PD
83
W
0.56
W/℃
EAS
280
mJ
TJ,TSTG
-55 To 175
℃
Thermal Characteristic
R
θJC
1.8
℃
/W
Thermal Resistance,Junction-to-Case(Note 2)
Derating factor
Single pulse avalanche energy (Note 5)
Operating Junction and Storage Temperature Range
Pulsed Drain Current
Maximum Power Dissipation
Drain Current-Continuous
Gate-Source Voltage
Drain-Source Voltage
Parameter
N-Ch MOSFET
Page 1
www.winsok.tw
Rev1.0 Jan.2021
WSF2065


Similar Part No. - WSF2065

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF2060 WIINSOK-WSF2060 Datasheet
1Mb / 5P
N-Ch MOSFET
More results

Similar Description - WSF2065

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF6807 SILIKRON-SSF6807 Datasheet
339Kb / 5P
Power switching application
SSF6808 SILIKRON-SSF6808 Datasheet
340Kb / 5P
Power switching application
SSF7509 SILIKRON-SSF7509 Datasheet
359Kb / 5P
Power switching application
SSF7510 SILIKRON-SSF7510 Datasheet
335Kb / 5P
Power switching application
SSF1016 SILIKRON-SSF1016 Datasheet
338Kb / 5P
Power switching application
SSF1020 SILIKRON-SSF1020 Datasheet
335Kb / 5P
Power switching application
SSF5508 SILIKRON-SSF5508 Datasheet
313Kb / 5P
Power switching application
SSF6008 SILIKRON-SSF6008 Datasheet
339Kb / 5P
Power switching application
SSF6014 SILIKRON-SSF6014 Datasheet
298Kb / 5P
Power switching application
logo
Shenzhen Huazhimei Semi...
HM25N06Q HMSEMI-HM25N06Q Datasheet
681Kb / 6P
Power switching application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com