Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF2065 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF2065
Description  Power switching application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF2065 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF2065 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2065 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2065 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2065 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF2065 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=250
μA20
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=20V,VGS=0V
-
-
1
μA
IGSS
Gate-Body Leakage Current
VGS=±12V,VDS=0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=250
μA
0.5
0.75
1.1
V
VGS=4.5V, ID=20A
-
3.5
5.5
m
VGS=2.5V, ID=20A
-
6
7.5
m
gFS
Forward Transconductance
VDS=5V,ID=20A
20
-
-
S
Clss
Input Capacitance
-
2016
-
PF
Coss
Output Capacitance
-
391
-
PF
Crss
Reverse Transfer Capacitance
-
130
-
PF
Switching Characteristics (Note 4)
td(on)
Turn-on Delay Time
-
6
-
nS
tr
Turn-on Rise Time
-
4
-
nS
td(off)
Turn-Off Delay Time
-
31
-
nS
tf
Turn-Off Fall Time
-
5
-
nS
Qg
Total Gate Charge
-
15
-
nC
Qgs
Gate-Source Charge
-
3
-
nC
Qgd
Gate-Drain Charge
-
4
-
nC
Drain-Source Diode Characteristics
VSD
Diode Forward Voltage (Note 3)
-
-
1.2
V
IS
Diode Forward Current (Note 2)
-
-
60
A
trr
Reverse Recovery Time
-18
-
nS
Qrr
Reverse Recovery Charge
-30
-
nC
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t
≤ 10 sec.
3.
Pulse Test: Pulse Width
≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
5.
EAS condition:Tj=25℃,VDD=10V,VG=10V,L=0.5mH,Rg=25
TJ = 25°C, IF = 20A
di/dt = 100A/
μs(Note3)
VGS=0V,IS=20A
VDS=10V
ID=20A,
VGS=4.5V
VDD=10V,
ID=20A
VGS=10V,
RGEN=2.7Ω
VDS=10V,
VGS=0V,
F=1.0MHz
Dynamic Characteristics (Note4)
On Characteristics (Note 3)
Drain-Source On-State Resistance
RDS(ON)
N-Ch MOSFET
Page 2
www.winsok.tw
Rev1.0 Jan.2021
WSF2065



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com