Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC600 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # ABC600
Description  600 W standard, 420 W convection cooled
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button ABC600 Datasheet HTML 2Page - Bel Fuse Inc. ABC600 Datasheet HTML 3Page - Bel Fuse Inc. ABC600 Datasheet HTML 4Page - Bel Fuse Inc. ABC600 Datasheet HTML 5Page - Bel Fuse Inc. ABC600 Datasheet HTML 6Page - Bel Fuse Inc. ABC600 Datasheet HTML 7Page - Bel Fuse Inc. ABC600 Datasheet HTML 8Page - Bel Fuse Inc. ABC600 Datasheet HTML 9Page - Bel Fuse Inc. ABC600 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
ABC600 Series
tech.support@psbel.com
Figure 4. I2C Bus to DSP
The sensor commands shall meet the following accuracy requirements:
READ_IIN
< 0.5 A
+/-20%
It is for corresponding to max input current
READ_IOUT
+/-5%
+/-2.5 A
It is for corresponding to max output current
READ_VIN
+/-3%
+/-2.5 V
It is for corresponding to max input voltage
READ_VOUT
+/-2%
+/-2%
READ_PIN
- - -
+/-20%
It is for corresponding to max input power
READ_POUT
+/-5 %
+/-5%
It is for corresponding to max output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com