Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC600 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # ABC600
Description  600 W standard, 420 W convection cooled
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button ABC600 Datasheet HTML 4Page - Bel Fuse Inc. ABC600 Datasheet HTML 5Page - Bel Fuse Inc. ABC600 Datasheet HTML 6Page - Bel Fuse Inc. ABC600 Datasheet HTML 7Page - Bel Fuse Inc. ABC600 Datasheet HTML 8Page - Bel Fuse Inc. ABC600 Datasheet HTML 9Page - Bel Fuse Inc. ABC600 Datasheet HTML 10Page - Bel Fuse Inc. ABC600 Datasheet HTML 11Page - Bel Fuse Inc. ABC600 Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
ABC600 Series
tech.support@psbel.com
J101
J101-1 = Live
J101-2 = Live
J101-3 = not fitted
J101-4 = Neutral
J101-5 = Neutral
Molex 09-50-3051 or
equivalent
Molex 08-50-0105 or
equivalent
AWG#18~16
J102
J102-1: A0
J102-2: A1
J102-3: SDA
J102-4: SCL
J102-5: SMB_ALERT_L
J102-6: V1_Ishare
J102-7: V1_VS_SENSE
J102-8: V1_VS_SENSE_RTN
J102-9: SGND
J102-10: Vsb
J102-11: +VP
J102-12: PW_OK_H
J102-13: INHIBIT_L
J102-14: INHIBIT_L_RTN
J102-15: Vfan
J102-16: SGND
JST PHDR-16VS or equivalent
JST SPHD-001T-P0.5 or
equivalent
AWG#22~26
J103
J103: EARTH
NA
Molex 19002-0024 or
equivalent
AWG#16
Output terminal J106/J107
J107 = V1_VS_RTN
J106 = V1_VS
NA
Molex 0190670067 or
equivalent
AWG#6
Dimensions (L x W x H)
203.2 x 127 x 40.64 mm
Mounting
(Location/Hardware); Dimensions Drawing Figure 7
Input
Connector type: Molex 26-62-4056 or equivalent; (J101); Figure 7
Output
Connector type: M4 screw terminal; (J106/107); Figure 7
Signal
Connector type: AMTEK 2211MS-208GW-U; (J102); Figure 7
Outline Drawing
Pins/Functions
See Mechanical Drawing/ Figure 7
Weight
0.9 kg
Mounting distance
Distance from top of the components (component side) to the customer's metal chassis – Natural
cooling: 101.6 mm
Distance from top of the components (component side) to the customer's metal chassis – Force
cooling: 5 mm1
1
5 mm is not required if there is insulator between PSU and customer chassis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com