Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC450 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC450
Description  450 W (with airflow), 300 W (without airflow)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC450 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC450 Datasheet HTML 1Page - Bel Fuse Inc. ABC450 Datasheet HTML 2Page - Bel Fuse Inc. ABC450 Datasheet HTML 3Page - Bel Fuse Inc. ABC450 Datasheet HTML 4Page - Bel Fuse Inc. ABC450 Datasheet HTML 5Page - Bel Fuse Inc. ABC450 Datasheet HTML 6Page - Bel Fuse Inc. ABC450 Datasheet HTML 7Page - Bel Fuse Inc. ABC450 Datasheet HTML 8Page - Bel Fuse Inc. ABC450 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ABC450 Series
tech.support@psbel.com
MODEL
1
OUTPUT
VOLTAGE
MAX LOAD
MINIMUM
LOAD
RIPPLE &
NOISE
2
POWER
CONVECTION
420 LFM
ABC450-1T05G
5 VDC
31.0 A
55.0 A
0.0 A
2%
275 W
ABC450-1T12G
12 VDC
20.83 A
37.5 A
0.0 A
2%
450 W
ABC450-1T15G
15 VDC
16.66 A
30.0 A
0.0 A
2%
450 W
ABC450-1T24G
24 VDC
12.30 A
18.75 A
0.0 A
2%
450 W
ABC450-1T30G
30 VDC
10.0 A
15.0 A
0.0 A
2%
450 W
ABC450-1T48G
48 VDC
6.25 A
9.37 A
0.0 A
2%
450 W
1
For Side Fan Mounting option, add suffix -S to the part number (e.g.: ABC450-1T12G-S)
For Top Fan Mounting option add suffix -T to the part number (e.g.: ABC450-1T24G-T)
For Current Sharing option, add suffix -I to the part number (e.g.: ABC450-1T48G-I or ABC450-1T48G-I-T or ABC450-1T48G-I-S)
2
Ripple is peak to peak with 20 MHz bandwidth and 10 µF (Electrolytic capacitor) in parallel with a 0.1 µF capacitor at rated line voltage
and load ranges. Please contact factory/ sales representative for minimum load required for ripple to be within specification.
Specifications are for nominal input voltage, 25°C unless otherwise stated.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATIONS
Input Voltage
Universal
90 – 264 VAC / 120 – 390 VDC
Input Frequency
47 – 63 Hz
Input Current
120 VAC:
230 VAC:
4.5 A max.
2.3 A max.
No Load Power
120 VAC:
230 VAC:
0.4 W
0.8 W
Inrush Current
120 VAC:
230 VAC:
40 A max.
75 A max.
Input Protection
Dual fusing, in Live & Neutral
T8A / 250 V
No Load Power
120 VAC:
230 VAC:
0.4
0.3
Switching Frequency
PFC converter: Variable
Resonant converter: Variable
45 – 160 kHz typical
35 – 250 kHz, 90 kHz typical



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com