Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC450 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC450
Description  450 W (with airflow), 300 W (without airflow)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC450 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC450 Datasheet HTML 1Page - Bel Fuse Inc. ABC450 Datasheet HTML 2Page - Bel Fuse Inc. ABC450 Datasheet HTML 3Page - Bel Fuse Inc. ABC450 Datasheet HTML 4Page - Bel Fuse Inc. ABC450 Datasheet HTML 5Page - Bel Fuse Inc. ABC450 Datasheet HTML 6Page - Bel Fuse Inc. ABC450 Datasheet HTML 7Page - Bel Fuse Inc. ABC450 Datasheet HTML 8Page - Bel Fuse Inc. ABC450 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ABC450 Series
tech.support@psbel.com
Conducted Emissions
EN 55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 B
B
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output
Input to Earth
4242 VDC
2121 VDC
Safety Standards
EN 62368-1:2020; A11, IEC 62368-1:2018, UL 62368-1 (ed.3), CSA C22.2
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATIONS
Operating Temperature
Refer to derating curves
-20 to 0°C, start-up is guaranteed
0 to +70°C
Storage Temperature
-40 to 85° C
Humidity
Non-Condensing
95% HR
Altitude
Operating:
Non-Operating:
10,000 ft.
40,000 ft.
Reliability
MTBF according to Telcordia -SR332-Issue 3
1.28 million hours



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com