Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F407DM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F407DM
Description  DATA ACCESS REGISTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F407DM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 54F407DM Datasheet HTML 2Page - National Semiconductor (TI) 54F407DM Datasheet HTML 3Page - National Semiconductor (TI) 54F407DM Datasheet HTML 4Page - National Semiconductor (TI) 54F407DM Datasheet HTML 5Page - National Semiconductor (TI) 54F407DM Datasheet HTML 6Page - National Semiconductor (TI) 54F407DM Datasheet HTML 7Page - National Semiconductor (TI) 54F407DM Datasheet HTML 8Page - National Semiconductor (TI) 54F407DM Datasheet HTML 9Page - National Semiconductor (TI) 54F407DM Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Electrical Characteristics
54F
Symbol
Parameter
TA VCC e Mil
Units
Fig
CL e 50 pF
No
Min
Max
tPLH
Propagation Delay
70
240
ns
407-c
tPHL
CP to On (Note 1)
40
150
tPLH
Propagation Delay I0 LOW
75
210
ns
407-a
tPHL
I1–I3 to X0–X3
80
250
tPLH
Propagation Delay I0 HIGH
85
500
ns
407-a
tPHL
I1–I3 to X0–X3
65
350
tPLH
Propagation Delay I0 LOW
70
240
ns
407-b
tPHL
CP to Xn
85
280
tPLH
Propagation Delay I0 HIGH
160
430
ns
407-b
tPHL
CP to Xn
115
365
tPLH
Propagation Delay
65
290
ns
407-d
tPHL
Dn to Xn
30
205
tPLH
Propagation Delay
40
220
ns
407-e
tPHL
CI to Xn
45
140
tPLH
Propagation Delay
40
145
ns
407-b
tPHL
I0 to Xn
30
195
tPLH
Propagation Delay
90
330
ns
407-a
tPHL
CP to CO
65
380
tPLH
Propagation Delay
30
110
ns
407-e
tPHL
CI to CO
30
100
tPLH
Propagation Delay
30
100
ns
407-d
tPHL
Dn to CO
35
100
tPLH
Propagation Delay
80
230
ns
407-a
tPHL
I1–I3 to CO
60
325
tPZH
Enable Time
45
260
ns
tPZL
EO0 to On or EOx to Xn
35
160
tPHZ
Disable Time
20
90
ns
tPLZ
EO0 to On or EOx to Xn
50
180
Note 1
The internal clock is generated from CP and EX The internal Clock is HIGH if EX or CP is HIGH LOW if EX and CP are LOW
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com