Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F407DM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F407DM
Description  DATA ACCESS REGISTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F407DM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 54F407DM Datasheet HTML 2Page - National Semiconductor (TI) 54F407DM Datasheet HTML 3Page - National Semiconductor (TI) 54F407DM Datasheet HTML 4Page - National Semiconductor (TI) 54F407DM Datasheet HTML 5Page - National Semiconductor (TI) 54F407DM Datasheet HTML 6Page - National Semiconductor (TI) 54F407DM Datasheet HTML 7Page - National Semiconductor (TI) 54F407DM Datasheet HTML 8Page - National Semiconductor (TI) 54F407DM Datasheet HTML 9Page - National Semiconductor (TI) 54F407DM Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Electrical Characteristics (Continued)
54F
Symbol
Parameter
TA VCC e Mil
Units
Fig
CL e 50 pF
No
Min
Max
tcw
Clock Period
360
ns
ts(H)
Setup Time HIGH or LOW
45
ts(L)
I1–I3 to Negative-Going CP
45
ns
407-c
th(H)
Hold Time HIGH or LOW
0
th(L)
I1–I3 to Positive-Going CP
0
ts(H)
Setup Time HIGH or LOW
185
ts(L)
Dn or C1 to Negative-Going CP
185
th(H)
Hold Time HIGH or LOW
0
ns
407-c
th(L)
Dn or CI to
0
Negative-Going Clock
ts(H)
Setup Time HIGH or LOW
145
ts(L)
CI to Positive-Going CP
145
ns
407-c
th(H)
Hold Time HIGH or LOW
0
th(L)
CI to Positive-Going CP
0
tw(H)
Clock Pulse Width
85
ns
407-c
tw(L)
HIGH or LOW
85
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
54F
407
D
M
QB
Temperature Range Family
Special Variations
54F e Military
QB e Military grade device with
environmental and burn-in
Device Type
processing
Package Code
Temperature Range
D e Ceramic DIP
M e Military (b55 Cto a125 C)
SD e Slim Ceramic DIP
F e Flatpak
L e Leadless Chip Carrier (LCC)
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com