Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4MP10CH Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 4MP10CH
Description  4MP10CH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

4MP10CH Datasheet(HTML) 2 Page - Sanyo Semicon Device

  4MP10CH Datasheet HTML 1Page - Sanyo Semicon Device 4MP10CH Datasheet HTML 2Page - Sanyo Semicon Device 4MP10CH Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4MP10CH
No.8400-2/3
外形図
unit : mm
7015-003
ITR03479
IC -- VCE
コレクタ・エミッタ電圧, VCE -- V
0
--4
--8
--12
--16
--20
0
--10
--20
--30
--40
--50
IB=0µA
--500µ
A
--400µA
--350µA
--300µA
--250µA
--200µA
--150µA
--100µA
--50
µA
--450µA
ITR03481
IC -- VBE
ベース・エミッタ電圧, VBE -- V
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0
--20
--40
--60
--80
--100
--120
VCE= --10V
--1.0
7
--10
7
--100
35
35
22
7
1000
100
5
7
5
3
3
2
ITR03485
fT -- IC
コレクタ電流, IC -- mA
VCE= --30V
100
10
ITR03483
hFE -- IC
コレクタ電流, IC -- mA
2
3
57
57
3
25
--10
72
--100
--1.0
2
3
5
7
7
2
3
5
VCE= --10V
2.9
1.9
0.05
12
3
0.4
0.15
1 : Base
2 : Emitter
3 : Collector
SANYO : CPH3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com