Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QM55003 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QM55003
Description  Mid-Band Low-Band NB-IoT TxM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM55003 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QM55003 Datasheet HTML 9Page - Qorvo, Inc QM55003 Datasheet HTML 10Page - Qorvo, Inc QM55003 Datasheet HTML 11Page - Qorvo, Inc QM55003 Datasheet HTML 12Page - Qorvo, Inc QM55003 Datasheet HTML 13Page - Qorvo, Inc QM55003 Datasheet HTML 14Page - Qorvo, Inc QM55003 Datasheet HTML 15Page - Qorvo, Inc QM55003 Datasheet HTML 16Page - Qorvo, Inc QM55003 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
QM55003
Mid-Band Low-Band NB_IoT TxM
QM55003 Data Sheet REV C | Subject to change without notice
13 of 25
www.qorvo.com
PRELIMINARY
Table 1: RFFE MIPI Register Map (1 of 4)
Register Details
This section displays each register in table form. Table headers described here:
TRIG.
– Indicates whether the Write Command can be triggered. The value in the Trig. Column indicates which trigger
causes the Bit Field to be loaded from t
he shadow register. “T012” means that any or all triggers will cause a load from
shadow register.
Register 0 (0x00)
– PA_CTRL0
BIT(S)
FIELD NAME
DEFAULT
DESCRIPTION
R/W
B/
G
TRIG.
7:6
Reserved[1:0]
0b00
This is a read-only bit that is reserved and yields a
value of 0 at readback
R
No
No
5:3
PA_BAND[2:0]
0b000
PA Band
000: off
001: AUX2
010: AUX1
011: RX_HB
100: LB_TX
101: Reserved
110: MB_TX
111: RX_LB
R/W
T012
2
TX_EN[2]
0b0
Transmit Enable
0 = Transmit mode disabled
1 = Transmit mode enabled
Set this bit to 1 to turn on the module’s PA for LB or
MB transmit or to use one of the four TRX ports in
transmit mode.
R/W
T012
1
PA_MODE[1]
0b0
PA Power Control Mode
0 = HPM
1 = LPM
R/W
No
0
Reserved[0]
0b0
This is a read-only bit that is reserved and yields a
value of 0 at readback.
R/W
No
Register 1 (0x01)
– PA_CTRL1
BIT(S)
FIELD NAME
DEFAULT
DESCRIPTION
R/W
B/G
TRIG.
7:4
PA_BIAS2[3:0]
0b0000
PA Bias
– power stage
R/W
No
T012
3:0
PA_BIAS1[3:0]
0b0000
PA Bias
– driver stage
R/W
No
T012
Register 2 (0x02)
– PA_CTRL2
BIT(S)
FIELD NAME
DEFAULT
DESCRIPTION
R/W
B/G
TRIG.
7:4
Reserved[3:0]
0b0000
These are a read-only bits that are reserved and yield
a value of 0 at readback.
R/W
No
No
3:0
PA_TUNE[3:0]
0b0000
PA Tuning Cap
R/W
No
T012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com