Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QM55003 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # QM55003
Description  Mid-Band Low-Band NB-IoT TxM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM55003 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button QM55003 Datasheet HTML 16Page - Qorvo, Inc QM55003 Datasheet HTML 17Page - Qorvo, Inc QM55003 Datasheet HTML 18Page - Qorvo, Inc QM55003 Datasheet HTML 19Page - Qorvo, Inc QM55003 Datasheet HTML 20Page - Qorvo, Inc QM55003 Datasheet HTML 21Page - Qorvo, Inc QM55003 Datasheet HTML 22Page - Qorvo, Inc QM55003 Datasheet HTML 23Page - Qorvo, Inc QM55003 Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
QM55003
Mid-Band Low-Band NB_IoT TxM
QM55003 Data Sheet REV C | Subject to change without notice
20 of 25
www.qorvo.com
PRELIMINARY
Pin Configuration
Top View (see through from top)
Pin Description
Pin Number
Label
Description
1
ANT
RF Output port.
2
GND
Connected to module gnd.
3
SDATA
Serial interface data I/O signal.
4
SCLK
Serial interface clock input signal.
5
VIO
Supply voltage for MIPI RFFE.
6
VBAT
Supply voltage for bias circuitry.
7
LB_RX
LB receive port.
8
GND
Connected to module gnd.
9
HB_RX
HB receive port.
10
AUX2
Auxillary transimit port 2.
11
AUX1
Auxillary transimit port 1.
12, 14, 16, 18,
20
GND
Connected to module gnd.
13
LB_TX
LB RF Input
15
HB_TX
HB RF Input
17
VCC1
Driver stage supply of PA.
19
VCC2
Output stage supply of PA.
ADVANCED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com