Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1663BA3110 Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1663BA3110
Description  SAW Filter 413 MHz SMD 3.0횞3.0 mm (BW=2 MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1663BA3110 Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1663BA3110 Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: SAW Filter 413 MHz SMD 3.0×3.0 mm (BW=2 MHz)
TST Part No.: TA1663BA3110
Customer Part No.:
Checked by:
David Chang
Approved by:
Andy Yu
Date:
2020/08/06
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TA1663BA3110

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1663A TAI-SAW-TA1663A Datasheet
161Kb / 7P
SAW Filter 413 MHz
logo
Golledge Electronics Lt...
TA1663A GOLLEDGE-TA1663A Datasheet
184Kb / 6P
SAW Filter: 413.0MHz
More results

Similar Description - TA1663BA3110

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1050B TAI-SAW-TA1050B Datasheet
474Kb / 7P
SAW Filter 670 MHz SMD 3.0횞3.0 mm (BW=20 MHz)
TA1083C TAI-SAW-TA1083C Datasheet
796Kb / 7P
SAW Filter 899 MHz SMD 3.0횞3.0 mm (BW=8 MHz)
TA1427B TAI-SAW-TA1427B Datasheet
449Kb / 7P
SAW Filter 895 MHz SMD 3.0횞3.0 mm (BW=2 MHz)
TA1471B TAI-SAW-TA1471B Datasheet
644Kb / 6P
SAW Filter 918.6 MHz SMD 3.0횞3.0 mm (BW=3.6 MHz)
TA1713A TAI-SAW-TA1713A Datasheet
470Kb / 7P
SAW Filter 1370 MHz SMD 3.0횞3.0 mm (BW=60 MHz)
TA1923A TAI-SAW-TA1923A Datasheet
449Kb / 7P
SAW Filter 1587.1 MHz SMD 3.0횞3.0 mm (BW=55 MHz)
TA1957A TAI-SAW-TA1957A Datasheet
427Kb / 7P
SAW Filter 1278.75 MHz SMD 3.0횞3.0 mm (BW=55 MHz)
TA2120A TAI-SAW-TA2120A Datasheet
420Kb / 7P
SAW Filter 2491.75 MHz SMD 3.0횞3.0 mm (BW=16.5 MHz)
TA2390A TAI-SAW-TA2390A Datasheet
340Kb / 7P
SAW Filter 1480 MHz SMD 3.0횞3.0 mm (BW=90 MHz)
TA2536A TAI-SAW-TA2536A Datasheet
805Kb / 6P
SAW Filter 315 MHz SMD 3.0횞3.0 mm (BW=2 MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com