Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA1663BA3110 Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1663BA3110
Description  SAW Filter 413 MHz SMD 3.0횞3.0 mm (BW=2 MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1663BA3110 Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1663BA3110 Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1663BA3110 Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 413 MHz
MODEL NO.: TA1663BA3110
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 20 dBm
2. DC Voltage : 3 V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
5. Moisture Sensitivity Level: Level 1(MSL1)
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Center frequency
Fc
MHz
-
413
-
Insertion Loss
(412~414 MHz)
IL
dB
-
1.5
3.0
Amplitude Ripple
(412~414 MHz)
dB
-
0.2
1.5
VSWR
(412~414 MHz)
-
-
1.3
2.2
Attenuation (Reference level from 0 dB)
10 ~ 400
MHz
dB
50
56
-
400 ~ 405
MHz
dB
10
47
-
425 ~ 430
MHz
dB
20
37
-
430 ~ 440
MHz
dB
30
40
-
440 ~ 800
MHz
dB
50
59
-
800 ~ 1000
MHz
dB
45
56
-
Temperature coefficient of frequency
ppm/℃
-
-36
-
C. MEASUREMENT CIRCUIT:
(2): Unbalance Port
(5): Unbalance Port
Others: Ground
50
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com