Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8795A Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8795A
Description  Low-Profile Surface-Mount Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8795A Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8795A Datasheet HTML 1Page - Maxim Integrated Products MAX8795A Datasheet HTML 2Page - Maxim Integrated Products MAX8795A Datasheet HTML 3Page - Maxim Integrated Products MAX8795A Datasheet HTML 4Page - Maxim Integrated Products MAX8795A Datasheet HTML 5Page - Maxim Integrated Products MAX8795A Datasheet HTML 6Page - Maxim Integrated Products MAX8795A Datasheet HTML 7Page - Maxim Integrated Products MAX8795A Datasheet HTML 8Page - Maxim Integrated Products MAX8795A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX8795A evaluation kit (EV kit) is a fully assem-
bled and tested surface-mount printed-circuit board
(PCB) that contains a step-up switching regulator, a
positive charge pump postregulated by a high-voltage
linear regulator, a negative charge pump postregulated
by a high-voltage negative linear regulator, and five
high-current operational amplifiers (op amps). The pri-
mary step-up converter is configured for a +14V output
(VMAIN) and provides at least 500mA from a +4.5VDC
supply voltage.
The positive and negative linear-regulator controllers
postregulate the charge-pump outputs for TFT gate-on
and gate-off supplies. The positive linear regulator is
set to +25V output (VPOS) and provides at least 20mA.
The negative linear regulator is set to -10V output
(VNEG) and provides at least 50mA. Power to the posi-
tive charge-pump input comes from the step-up switch-
ing-regulator output, while power to the negative
charge-pump input comes from the power ground.
The EV kit also features five high-performance op amps
designed to drive the LCD backplane (VCOM). Power
to the VCOM buffers comes from the step-up switching
regulator output. The MAX8795A EV kit demonstrates
low quiescent current and high efficiency for maximum
battery life. High-frequency (1.2MHz) operation allows
the use of tiny surface-mount components to minimize
the thickness of LCD panel designs.
Features
♦ +4.5V to +5.5V Input Range
♦ Output Voltages
+14V, 500mA (VMAIN)
+25V, 20mA (VPOS)
-10V, 50mA (VNEG)
♦ Adjustable Output Voltages (External Resistors)
♦ 1.2MHz Switching Frequency
♦ Five High-Performance Op Amps
130mA (Typ) Short-Circuit Current (Buffers)
♦ Low-Profile Surface-Mount Components
♦ Fully Assembled and Tested
MAX8795A Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-0822; Rev 0; 5/07
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
IC PACKAGE
MAX8795AEVKIT+
0°C to +70°C*
32 Thin QFN
(5mm x 5mm)
DESIGNATION
QTY
DESCRIPTION
C1
1
100µF ±20%, 16V aluminum
electrolytic capacitor
SANYO 16ME100UAX (DxL = 6.3mm
x 5mm)
C2, C3
2
10µF ±10%, 6.3V X5R ceramic
capacitors (0805)
TDK C2012X5R0J106K
Taiyo Yuden JMK212BJ106MG
C4, C5, C6
3
4.7µF ±10%, 25V X7R ceramic
capacitors (1206)
TDK C3216X7R1E475K
Taiyo Yuden TMK316BJ475KL
C7–C12,
C16–C21
12
0.1µF ±10%, 50V X7R ceramic
capacitors (0603)
TDK C1608X7R1H104K
Murata GRM188R71H104K
C13
0
Not installed, ceramic capacitor
DESIGNATION
QTY
DESCRIPTION
C14, C24
2
0.22µF ±10%, 50V X7R ceramic
capacitors (0805)
Taiyo Yuden UMK212BJ224KT
TDK C2012X7R1H224K
C15
1
0.22µF ±10%, 16V X7R ceramic
capacitor (0603)
TDK C1608X7R1C224K
Taiyo Yuden EMK107BJ224KA
C22
1
1.5nF ±10%, 50 X7R ceramic
capacitor (0603)
TDK C1608X7R1H152K
Taiyo Yuden UMK107B152KZ
C23
1
0.033µF ±10%, 25V X7R ceramic
capacitor (0603)
Murata GRM188R71E333K or
TDK C1608X7R1E333K
+
Denotes a lead-free and RoHS-compliant EV kit.
*
This limited temperature range applies to the EV kit PCB only.
The MAX8795A IC temperature range is -40°C to +85°C.


Similar Part No. - MAX8795A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A Datasheet
819Kb / 31P
TFT-LCD DC-DC Converter with Operational Amplifiers 0.6mA Quiescent Current
Rev 3; 3/11
MAX8795A MAXIM-MAX8795A Datasheet
641Kb / 31P
TFT-LCD DC-DC Converter with Operational Amplifiers 2.5V to 5.5V Input Supply Range
Rev 4; 6/11
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results

Similar Description - MAX8795A

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HCB20 ALLIED-HCB20 Datasheet
386Kb / 1P
Surface mount EMI suppression components
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
Low profile surface mount
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
LOW PROFILE SURFACE MOUNT
logo
Maxim Integrated Produc...
MAX8758EVKIT MAXIM-MAX8758EVKIT Datasheet
171Kb / 8P
Low-Profile, Surface-Mount Components
Rev 0; 11/05
MAX8655EVKIT MAXIM-MAX8655EVKIT Datasheet
791Kb / 14P
Low-Profile Components
Rev 0; 10/08
MAX9880AEVKIT MAXIM-MAX9880AEVKIT Datasheet
5Mb / 37P
Surface-Mount Components
Rev 1; 5/11
MAX9515EVKIT MAXIM-MAX9515EVKIT Datasheet
82Kb / 6P
Surface-Mount Components
Rev 0; 2/08
MAX9507EVCMAXQU MAXIM-MAX9507EVCMAXQU Datasheet
168Kb / 6P
Surface-Mount Components
Rev 0; 5/07
MAX9390EVKIT MAXIM-MAX9390EVKIT Datasheet
257Kb / 10P
Surface-Mount Components
Rev 0; 2/08
MAX11500EVKIT MAXIM-MAX11500EVKIT Datasheet
130Kb / 6P
Surface-Mount Components
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com