Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8795A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8795A
Description  Low-Profile Surface-Mount Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8795A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8795A Datasheet HTML 1Page - Maxim Integrated Products MAX8795A Datasheet HTML 2Page - Maxim Integrated Products MAX8795A Datasheet HTML 3Page - Maxim Integrated Products MAX8795A Datasheet HTML 4Page - Maxim Integrated Products MAX8795A Datasheet HTML 5Page - Maxim Integrated Products MAX8795A Datasheet HTML 6Page - Maxim Integrated Products MAX8795A Datasheet HTML 7Page - Maxim Integrated Products MAX8795A Datasheet HTML 8Page - Maxim Integrated Products MAX8795A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MAX8795A Evaluation Kit
4
_______________________________________________________________________________________
Output Voltage Selection
Step-Up Switching-Regulator
Output Voltage (VMAIN)
The MAX8795A EV kit’s step-up switching-regulator
output, limited by the built-in 20V n-channel MOSFET, is
set to +14V through feedback resistors R1 and R2. To
generate output voltages other than +14V (1.2 x VIN to
+18V), select different external voltage-divider resistors
(R1 or R2). Refer to the
Output-Voltage Selection sec-
tion in the MAX8795A IC data sheet for instructions on
selecting the feedback resistors.
Positive Linear-Regulator
Output Voltage (VPOS)
The MAX8795A EV kit’s positive linear-regulator output
is set to +25V by feedback resistors R3 and R4. To
generate output voltages other than +25V (+1.25V to
nearly the positive charge-pump output voltage), select
different external voltage-divider resistors (R3 or R4).
Refer to the
Output-Voltage Selection section in the
MAX8795A IC data sheet for instructions on selecting
the resistors.
Negative Linear-Regulator
Output Voltage (VNEG)
The MAX8795A EV kit’s negative linear-regulator output
is set to -10V by feedback resistors R7 and R8. To gen-
erate output voltages other than -10V (0 to nearly the
negative charge-pump output), select different external
voltage-divider resistors (R7 or R8). Refer to the
Output-Voltage Selection section in the MAX8795A IC
data sheet for instructions on selecting the resistors.
Op-Amp Output Voltages (OUT1–OUT5)
The MAX8795A EV kit’s op amps (OUT1–OUT5) are
designed to drive the LCD backplane. Using external
voltage-divider resistors, each op amp is configured to
one-half of VMAIN’s output voltage. To generate output
voltages other than +7V, select different external volt-
age-divider resistors (R11–R20).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com