Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2829
Description  On-Board Line Drivers and Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2829 Datasheet HTML 1Page - Maxim Integrated Products MAX2829 Datasheet HTML 2Page - Maxim Integrated Products MAX2829 Datasheet HTML 3Page - Maxim Integrated Products MAX2829 Datasheet HTML 4Page - Maxim Integrated Products MAX2829 Datasheet HTML 5Page - Maxim Integrated Products MAX2829 Datasheet HTML 6Page - Maxim Integrated Products MAX2829 Datasheet HTML 7Page - Maxim Integrated Products MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluate: MAX2828/MAX2829
MAX2828/MAX2829
Evaluation Kits
Receive Mode
To evaluate the devices in receive mode with CW signal:
1) Set the RXON jumper (JP22) to the ON position and the
TXON jumper (JP21) to the OFF position. The supply
current should be approximately 125mA.
2) Connect the RF signal source to either RXRFL (J4)
for 802.11g frequencies or RXRFH (J3) for 802.11a
frequencies. Set the RF frequency to 2437MHz or
5.25GHz. Set the signal power to -100dBm.
3) Set the register setting to the default values listed
in the MAX2828/MAX2829 data sheet by selecting
“Evaluation Defaults” from the Setup dropdown menu.
4) Use the software to select between 802.11g and
802.11a modes. In the program, set the frequency to
either 2442MHz (802.11g) or 5.255GHz (802.11a).
5) Set the RX gain to maximum using either the slider bar
or the control bits.
6) Connect the spectrum analyzer to either RXBBI or
RXBBQ. Set the center frequency to 5MHz with a
1MHz span. Other recommended spectrum analyzer
settings are: Res BW of 1kHz and Ref Level of 10dB.
7) Turn on the RF signal source. The output at 5MHz
should be approximately -6dBm (for 802.11g frequencies)
or -2dBm (for 802.11a frequencies).
Transmit Mode
To evaluate the devices in transmit mode with CW signal:
1) Set the TXON jumper (JP21) to the ON position and
the RXON jumper (JP22) to the OFF position. The
supply current should be approximately 130mA.
2) Connect a 1MHz sinusoid to TXBBI and a 1MHz sinusoid
with a 90° phase shift (or a cosine) to TXBBQ. Set the
input amplitude of each channel to 100mVRMS.
3) Set the register setting to the default values listed
in the MAX2828/MAX2829 data sheet by selecting
“Evaluation Defaults” from the Setup dropdown menu.
4) Use the software to select between 802.11g and
802.11a modes. In the program, set the frequency to
either 2437MHz or 5.25GHz.
5) Set the TX gain to maximum using either the slider bar
or the control bits. Keep the TX Baseband gain to its
default value.
6) Connect the spectrum analyzer to either TXRFL (J1)
(for 802.11g) or TXRFH (J2) (for 802.11a). Set the
center frequency to either 2438MHz or 5251MHz and
span to 1MHz. Other recommended spectrum analyzer
settings are: Res BW of 3kHz, attenuation of 6dB, and
Ref Level of 0dB.
7) Turn on the baseband signal sources. The output at
2438MHz should be approximately -3dBm (for 802.11g
frequencies) or the output at 5251MHz should be
approximately -5.5dBm (for 802.11a frequencies).
Note: CW signals can be replaced by modulated
802.11a/b/g signals.
Table 1. Jumper Functions
Table 2. Test Points
JUMPER
STATE
FUNCTION
JP21
ON
Enables transmit mode. Placing the
jumper toward the DB25 connector
(J18) puts the device in transmit
mode.
JP22
ON
Enables receive mode. Placing the
jumper toward the DB25 connector
(J18) puts the device in receive
mode.
TP
DESCRIPTION
TP1
This pin allows for direct injection or monitoring of
pin TXBBI+.
TP2
This pin allows for direct injection or monitoring of
pin TXBBI-.
TP3
This pin allows for direct injection or monitoring of
pin RXBBI+.
TP4
This pin allows for direct injection or monitoring of
pin RXBBI-.
TP6
This pin allows for direct injection or monitoring of
pin TXBBQ+.
TP7
This pin allows for direct injection or monitoring of
pin TXBBQ-.
TP10
This pin allows for monitoring of the VCO tune
voltage.
TP11
This pin allows for direct injection or monitoring of
pin RXBBQ+.
TP12
This pin allows for direct injection or monitoring of
pin RXBBQ-.
TP13
This pin allows for monitoring of pin B3.
TP14
This pin allows for monitoring of pin B4.
TP15
This pin allows for monitoring of pin B2.
TP16
This pin allows for monitoring of pin B5.
TP17
This pin allows for monitoring of pin SHDN.
TP18
This pin allows for monitoring of pin B1.
TP19
This pin allows for monitoring of pin B6.
TP20
This pin allows for monitoring of pin TXENA.
TP21
This pin allows for monitoring of pin RXENA.
TP22
This pin allows for monitoring of pin RXHP.
TP23
This pin allows for monitoring of pin B7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com