Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2829 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2829
Description  On-Board Line Drivers and Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2829 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2829 Datasheet HTML 1Page - Maxim Integrated Products MAX2829 Datasheet HTML 2Page - Maxim Integrated Products MAX2829 Datasheet HTML 3Page - Maxim Integrated Products MAX2829 Datasheet HTML 4Page - Maxim Integrated Products MAX2829 Datasheet HTML 5Page - Maxim Integrated Products MAX2829 Datasheet HTML 6Page - Maxim Integrated Products MAX2829 Datasheet HTML 7Page - Maxim Integrated Products MAX2829 Datasheet HTML 8Page - Maxim Integrated Products MAX2829 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluate: MAX2828/MAX2829
MAX2828/MAX2829
Evaluation Kits
Table 3. I/O Connectors
SIGNAL
DESCRIPTION
J1
802.11b/g Transmitter Output (2.4GHz to 2.5GHz)
J2
802.11a Transmitter Output (4.9GHz to 5.875GHz)
J3
802.11a Receiver Input (4.9GHz to 5.875GHz)
J4
802.11b/g Receiver Input (2.4GHz to 2.5GHz)
J5
Single-Ended Transmitter Baseband I Input
J6
Single-Ended Receiver Baseband I Output
J7
Single-Ended Transmitter Baseband Q Input
J8
Single-Ended Receiver Baseband Q Output
J12
Ground
J13
+2.7V Supply Input
J14
+5V Supply Input
J15
Ground
J16
-5V Supply Input
J18
SPI Interface Connector
SUPPLIER
WEBSITE
AVX North America
www.avx.com
Digi-Key Corp.
www.digikey.com
Johnson Components
www.johnsoncomponents.com
Murata Americas
www.murata.com
Texas Instruments Inc.
www.ti.com
Component Suppliers
Note: Indicate that you are using the MAX2828/MAX2829 when contacting these component suppliers.
Component Information, PCB Layout,
and Schematic
See the following links for component information, PCB
layout diagrams, and schematic.
●
MAX2828/MAX2829 EV BOM
●
MAX2828/MAX2829 EV PCB Layout
●
MAX2828/MAX2829 EV Schematic
PART
TYPE
MAX2828EVKIT
EV Kit
MAX2829EVKIT
EV Kit
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com